Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2012 Datasheet(PDF) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # PM2012
Description  Single Stage LED Constant Power/Dimmable LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

PM2012 Datasheet(HTML) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

  PM2012 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. PM2012 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. PM2012 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. PM2012 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. PM2012 Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd. PM2012 Datasheet HTML 6Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PM2012
Single Stage LED Constant Power/Dimmable LED Driver
Page 4 of 6
DS _PM2115X_EN_V1.0
ELECTRICAL CHARACTERISTICS (3)(4)
(Ta=25oC unless otherwise specified)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply
Vin_min
Minimum voltage of DRN
Tj=100℃, Iout=60mA
8
V
Current Sense
Vcs
CS compare voltage
485
500
515
mV
Over Thermal Compensation
TOTC
OTC reference
155
℃
RFT
Ratio of OTC
-100
%/15℃
NOTE:
(3) Typical values in electrical characteristics are theoretical values of design, minimum and maximum values
are guaranteed by test statistics.
(4) The data is based on the results of PME laboratory tests.
BLOCK DIAGRAM
OTA
Control
Logic
Regulator
VDD
VREF
DRN
CS
VREF
Bias
Reference
OTC
GND
CSI
www.shunyegroup.com.cn



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com