Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2115D Datasheet(PDF) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # PM2115D
Description  BUCK APFCConstant Current Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

PM2115D Datasheet(HTML) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

  PM2115D Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. PM2115D Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. PM2115D Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. PM2115D Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. PM2115D Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd. PM2115D Datasheet HTML 6Page - Shanghai Shunye Electronics Co.,Ltd. PM2115D Datasheet HTML 7Page - Shanghai Shunye Electronics Co.,Ltd. PM2115D Datasheet HTML 8Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PM2115X
BUCK APFC Constant Current Driver
Page 3 of 8
DS _PM2115X_EN_V1.0
ABSOLUTE MAXIMUM RATINGS (1)(2)
Symbol
PIN
Description
Range
Unit
VHV
4
HV to GND
-0.3~800
V
VDRN
5,6
DRN to GND
-0.3~500
V
VOVP
1/2
OVP to GND
-0.3~6
V
VCS
7
CS to GND
-0.3~6
V
θJA
---
SOP7 Thermal Resistance (Junction
to Ambient, No Heat sink, Free Air)
145
℃/W
DIP7 Thermal Resistance (Junction
to Ambient, No Heat sink, Free Air)
80
℃/W
Tstg
---
Storage temperature range
-55~150
℃
ESD
--
Human body mode ESD
3
kV
Notes:
(1)
The “Absolute Maximum Ratings” are those values beyond which the safely to the device cannot be
guaranteed and may cause permanent damage to the IC. These are stress ratings only and functional
operation of the device at these or any other condition beyond those indicated in the Electrical Characteristics
section of the specification is not
implied. The “Electrical Characteristics” table defines the conditions for
actual device operation. Exposure to absolute maximum rated conditions for extended periods may affect
device reliability. For the parameter without Max./Min. limit, the typical value defines the operation range, the
accuracy is not guaranteed by the specification.
(2) All voltages are with respect to GND, unless otherwise specified.
www.shunyegroup.com.cn



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com