Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3500DM Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # P3500DM
Description  PxxxxDM Series TSS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

P3500DM Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  P3500DM Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. P3500DM Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. P3500DM Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. P3500DM Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃,continued)
www.shunyegroup.com.cn
2/4
 
Part
Number
IDRM@VDRM
VS① @IS
VT@IT
IH
CO②
Marking
μA
V
V
mA
V
A
mA
pF
max
max
max
max
max
max
P0080DM
5
6
15
800
4
2.2
10(min)
10
P8AC
P0300DM
5
25
40
800
4
2.2
50(typ)
60
P03DA
P3500DM
5
280
400
800
4
2.2
10(min)
50
P35DM
①
VS is measured at 100kV/s
②
Off-state capacitance is measured in VDC=2V, VRMS=1V, f=1MHz
SURGE RATINGS
Series
IPP(A) min
2/10μs
8/20μs
10/360μs
10/1000μs
M
100
90
50
35
 
ORDERING INFORMATION 
P
008
0
D
M
Series code
P: SIDAC
Median voltage
Surge ratings:2.0kV(10/700μs)
0: Bi-direction
Package type:SOD-123FL
 
 
PxxxxDM Series TSS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com