Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDOC516 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDOC516
Description  IP Library: High PSRR, Low Power, 100mA Low Dropout Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDOC516 Datasheet(HTML) 2 Page - STMicroelectronics

  LDOC516 Datasheet HTML 1Page - STMicroelectronics LDOC516 Datasheet HTML 2Page - STMicroelectronics LDOC516 Datasheet HTML 3Page - STMicroelectronics LDOC516 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LDOC_516
2/4
ELECTRICAL CHARACTERISTICS
3V < VIN < 5.5V, -55°C < TA < +125°C, COUT = 1µF ±20%, 20mΩ < ESR < 0.6Ω, ILOAD = 100mA.
Typical case : VIN = 4V, T = 25°C, COUT = 1µF.
Notes: 1. Above characteristics are given for 3V minimum input operating range voltage, but regulator is
operational with 2.7V minimum input voltage.
2. All parameters are guaranteed with 200mV min Dropout voltage.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input Voltage Range (Note 1)
VIN
3
5.5
V
Output Voltage
VOUT
2.8
V
Output Voltage Accuracy
3
%
Output current
IOUT
100
mA
Dropout Voltage
∆V
DO
∆V
OUT = 50mV,
ILOAD = 100mA
50
mV
(Note 2)
200
Quiescent current
IQ
ILOAD = 100µA
45
65
µA
ILOAD = 100mA
600
750
Power down mode quiescent
current
IQPDM
Power down active
100
nA
Power Supply Rejection Ratio
PSRR
DC ; Dropout = 200mV
40
55
dB
f = 10KHz
40
55
f = 100KHz
35
45
Line Regulation
LIR
ILOAD = 100mA,
VIN = 3V to 5.5V
3.5
6.5
mV
Load Regulation
LDR
ILOAD = 100µA - 100mA
20
25
mV
Line Transient
LIRT
∆V
IN = 300mV
tRISE = tFALL = 5µs
1mV
Load Transient
LDTR
ILOAD = 100µA - 100mA
in 5µs
2mV
Output Noise Voltage
en
100Hz
1.2
1KHz
400
10KHz
200
enRMS
BW : 100Hz to 100KHz
60
µVRMS
Output decoupling Capacitor
COUT
1µF
Settling time
ILOAD = 100mA
15
40
µs
Short Circuit Current Limit
ISHORT
400
700
mA
µV
Hz
------------
nV
Hz
------------



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com