Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29653AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29653AI
Description  3.3V 125-MHz 8-Output Zero Delay Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29653AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29653AI Datasheet HTML 1Page - Cypress Semiconductor CY29653AI Datasheet HTML 2Page - Cypress Semiconductor CY29653AI Datasheet HTML 3Page - Cypress Semiconductor CY29653AI Datasheet HTML 4Page - Cypress Semiconductor CY29653AI Datasheet HTML 5Page - Cypress Semiconductor CY29653AI Datasheet HTML 6Page - Cypress Semiconductor CY29653AI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3.3V 125-MHz 8-Output Zero Delay Buffer
CY29653
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07477 Rev. *C
Revised April 13, 2004
Features
• Output frequency range: 25 MHz to 125 MHz
• Input frequency range (
÷4): 35 MHz to 125 MHz
• Input frequency range (
÷8): 25 MHz to 62.5 MHz
• 30 ps typical peak cycle-to-cycle jitter
• 30 ps typical out-to-output skew
• 3.3V operation
• Eight Clock outputs: Drive up to 16 clock lines
• One feedback output
• LVPECL reference clock input
• Phase-locked loop (PLL) bypass mode
• Spread Aware™
• Output enable/disable
• Pin-compatible with MPC9653 and MPC953
• Industrial temperature range: –40°C to +85°C
• 32-pin 1.0-mm TQFP package
Description
The CY29653 is a low-voltage high-performance 125-MHz
PLL-based zero delay buffer designed for high-speed clock
distribution applications. The CY29653 features an LVPECL
reference clock input and provides eight outputs plus one
feedback output. VCO output divides by four or eight per
VCO_SEL
setting
(see
the
Function
Table).
Each
LVCMOS-compatible output can drive 50
Ω series- or
parallel-terminated transmission lines. For series-terminated
transmission lines, each output can drive one or two traces
giving the device an effective fanout of 1:16.
The PLL is ensured stable given that the VCO is configured to
run between 140 MHz to 500 MHz. This allows a wide range
of output frequencies from 25 MHz to 125 MHz. For normal
operation, the external feedback input, FB_IN, is connected to
the feedback output, FB_OUT. The internal VCO is running at
multiples of the input reference clock set by the feedback
divider (see the Frequency Table).
When PLL_EN is LOW, PLL is bypassed and the reference
clock directly feeds the output dividers. This mode is fully static
and the minimum input clock frequency specification does not
apply. When BYPASS# is set LOW, PLL and output dividers
are bypassed resulting in a 1:9 LVPECL to LVCMOS high
performance fanout buffer. For normal PLL operation both
PLL_EN and BYPASS# are set HIGH.
Block Diagram
Pin Configuration
Phase
Detector
LPF
VCO
200-500MHz
÷4
÷2
PECL_CLK
PECL_CLK#
FB_IN
VCO_SEL
BYPASS#
MR/OE#
PLL_EN
FB_OUT
Q(0:6)
Q7
CY 2 965 3
Q1
VDD Q
Q2
VS S
Q3
VDD Q
Q4
VS S
AVD D
FB _IN
NC
NC
NC
NC
AV SS
PE CL _C L K
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17


Similar Part No. - CY29653AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
CY29658AI CYPRESS-CY29658AI Datasheet
109Kb / 7P
2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
CY29658AIT CYPRESS-CY29658AIT Datasheet
109Kb / 7P
2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
More results

Similar Description - CY29653AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
Z9972 CYPRESS-Z9972 Datasheet
87Kb / 9P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972 Datasheet
70Kb / 8P
3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973 Datasheet
164Kb / 8P
3.3V 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976 Datasheet
97Kb / 10P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
logo
Exar Corporation
XRK39653_0611 EXAR-XRK39653_0611 Datasheet
218Kb / 9P
3.3V, 8-OUTPUT ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
3.3V, 125-MHz Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_08 Datasheet
254Kb / 9P
3.3V 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976_08 Datasheet
279Kb / 9P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com