Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1117AL Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD1117AL
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117AL Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD1117AL Datasheet HTML 5Page - STMicroelectronics LD1117AL Datasheet HTML 6Page - STMicroelectronics LD1117AL Datasheet HTML 7Page - STMicroelectronics LD1117AL Datasheet HTML 8Page - STMicroelectronics LD1117AL Datasheet HTML 9Page - STMicroelectronics LD1117AL Datasheet HTML 10Page - STMicroelectronics LD1117AL Datasheet HTML 11Page - STMicroelectronics LD1117AL Datasheet HTML 12Page - STMicroelectronics LD1117AL Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
LD1117A series
Electrical characteristics
9/27
Table 8.
Electrical characteristics of LD1117#50
(refer to the test circuits, TJ = 0 to 125°C, CO = 10 µF, CI = 10 µF unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
VI = 7V, IO = 10mA, TJ = 25°C
4.9
5
5.1
V
VO
Output voltage
IO = 0 to 1A, VI = 6.4 to 10V
4.8
5.2
V
∆VO
Line regulation
VI = 6.4 to 8V, IO = 0mA
1
6
mV
∆VO
Load regulation
VI = 6.4V, IO = 0 to 1A
1
10
mV
∆VO
Temperature stability
0.5
%
∆VO
Long term stability
1000 hrs, TJ = 125°C
0.3
%
VI
Operating input voltage
IO = 100mA
10
V
Id
Quiescent current
VI ≤10V, IO = 0mA
5
10
mA
IO
Output current
VI - VO = 5V, TJ = 25°C
1000
1200
mA
eN
Output noise voltage
B =10Hz to 10KHz, TJ = 25°C
100
µV
SVR
Supply voltage rejection
IO = 40mA, f = 120Hz
VI - VO = 3V, Vripple = 1VPP
60
80
dB
VD
Dropout voltage
IO = 100mA
1
1.10
V
IO = 500mA
1.05
1.15
IO = 1A
1.15
1.30
∆VO(pwr) Thermal regulation
Ta = 25°C, 30ms Pulse
0.08
0.2
%/W
Table 9.
Electrical characteristics of LD1117A (Adjustable)
(refer to the test circuits, TJ = 0 to 125°C, CO = 10 µF, CI = 10 µF unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
VI = 5.3V, IO = 10mA, TJ = 25°C
1.225
1.25
1.275
V
VO
Output voltage
IO = 0 to 1A, VI = 2.75 to 10V
1.2
1.3
V
∆VO
Line regulation
VI = 2.75 to 8V, IO = 0mA
1
6
mV
∆VO
Load regulation
VI = 2.75V, IO = 0 to 1A
1
10
mV
∆VO
Temperature stability
0.5
%
∆VO
Long term stability
1000 hrs, TJ = 125°C
0.3
%
VI
Operating input voltage
IO = 100mA
10
V
Id
Quiescent current
VI ≤8V, IO = 0mA
5
10
mA
IO
Output current
VI - VO = 5V, TJ = 25°C
1000
1200
mA
eN
Output noise voltage
B =10Hz to 10KHz, TJ = 25°C
100
µV
SVR
Supply voltage rejection
IO = 40mA, f = 120Hz
VI - VO = 3V, Vripple = 1VPP
60
80
dB
VD
Dropout voltage
IO = 100mA
1
1.10
V
IO = 500mA
1.05
1.15
IO = 1A
1.15
1.30
∆VO(pwr) Thermal regulation
Ta = 25°C, 30ms Pulse
0.08
0.2
%/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com