Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGL.3T.303.CLAPV Datasheet(PDF) 3 Page - LEMO Connectors

Part # HGL.3T.303.CLAPV
Description  T - Small Outdoor keyed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

HGL.3T.303.CLAPV Datasheet(HTML) 3 Page - LEMO Connectors

  HGL.3T.303.CLAPV Datasheet HTML 1Page - LEMO Connectors HGL.3T.303.CLAPV Datasheet HTML 2Page - LEMO Connectors HGL.3T.303.CLAPV Datasheet HTML 3Page - LEMO Connectors HGL.3T.303.CLAPV Datasheet HTML 4Page - LEMO Connectors HGL.3T.303.CLAPV Datasheet HTML 5Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.lemo.com/int_en/solutions/originals/t-outdoor-keyed/hgl-3t-303-clapv.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Environment
Environmental sealing (IP rating)
Hermetic unmated
Endurance
>3000 mating cycles
Temperature range
-20°C / +80°C
Climatic Category
50/175/21
Humidity (max)
<=95% [at 60 deg C /140 F]
Shock Resistance
100 g [ 6 ms]
Vibration
15 g [10 Hz - 2000 Hz]
R leak (He) (max)
10⁻⁷ mbar·l/s (if vacuum-tested)
Salt Spray Corrosion
>1000 hr
Cable fixation
Jacket cable outside diameter [mm]
2.00 - 16.60 mm
Drawings
Dimensions
A
B
e
E
L
M
N
S1
S2
mm.
23.5
25
M18x1.0
12
36.1
1.8
29.5
16.5
22
in.
0.93
0.98
0.47
1.42
0.07
1.16
0.65
0.87
Recommended By Lemo
Accessories
Compatible cap
BRE.3T.200.CAZ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com