Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2537ACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2537ACBZ-R7
Description  PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2537ACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  SSM2537ACBZ-R7 Datasheet HTML 1Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 2Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 3Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 4Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 5Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 6Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 7Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 8Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PDM Digital Input, Mono
2.7 W Class-D Audio Amplifier
Data Sheet
SSM2537
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Filterless digital Class-D amplifier
Pulse density modulation (PDM) digital input interface
2.7 W into 4 Ω load and 1.4 W into 8 Ω load at 5.0 V supply
with <1% total harmonic distortion plus noise (THD + N)
Available in 9-ball, 1.2 mm × 1.2 mm, 0.4 mm pitch WLCSP
93% efficiency into 8 Ω at full scale
Output noise: 25 µV rms at 3.6 V, A-weighted
THD + N: 0.005% at 1 kHz, 100 mW output power
PSRR: 80 dB at 217 Hz, with dither input
Quiescent power consumption: 5.1 mW
(VDD = 1.8 V, PVDD = 3.6 V, 8 Ω + 33 µH load)
Pop-and-click suppression
Configurable with PDM pattern inputs
Short-circuit and thermal protection with autorecovery
Smart power-down when PDM stop condition or no clock
input detected
64 × f
S or 128 × fS operation supporting 3 MHz and 6 MHz clocks
DC blocking high-pass filter and static input dc protection
User-selectable ultralow EMI emissions and low latency modes
Power-on reset (POR)
Minimal external passive components
APPLICATIONS
Mobile handsets
GENERAL DESCRIPTION
The SSM2537 is a PDM digital input Class-D power amplifier
that offers higher performance than existing DAC plus Class-D
solutions. The SSM2537 is ideal for power sensitive applications
where system noise can corrupt the small analog signal sent to
the amplifier, such as mobile phones and portable media players.
The SSM2537 combines an audio digital-to-analog converter
(DAC), a power amplifier, and a PDM digital interface on a single
chip. The integrated DAC plus analog sigma-delta (Σ-Δ) modulator
architecture enables extremely low real-world power consumption
from digital audio sources with excellent audio performance. Using
the SSM2537, audio can be transmitted digitally to the audio
amplifier, significantly reducing the effect of noise sources such
as GSM interference or other digital signals on the transmitted
audio. The SSM2537 is capable of delivering 2.7 W of continu-
ous output power with <1% THD + N driving a 4 Ω load from a
5.0 V supply.
The SSM2537 features a high efficiency, low noise modulation
scheme that requires no external LC output filters. The closed-loop,
three-level modulator design retains the benefits of an all-digital
amplifier, yet enables very good PSRR and audio performance. The
modulation continues to provide high efficiency even at low output
power and has an SNR of 102 dB PDM input. Spread-spectrum
pulse density modulation is used to provide lower EMI-radiated
emissions compared with other Class-D architectures.
The SSM2537 has a four-state gain and sample frequency selection
pin that can select two different gain settings, optimized for 3.6 V
and 5 V operation. This same pin controls the internal digital fil-
tering and clocking, which can be set for a 64 × fS or 128 × fS input
sample rate to support both 3 MHz and 6 MHz PDM clock rates.
The SSM2537 has a micropower shutdown mode with a typical
shutdown current of 1.6 µA for both power supplies. Shutdown is
enabled automatically by gating input clock and data signals. A
standby mode can be entered by applying a designated PDM stop
condition sequence. The device also includes pop-and-click sup-
pression circuitry. This suppression circuitry minimizes voltage
glitches at the output when entering or leaving the low power
state, reducing audible noises on activation and deactivation.
The SSM2537 is specified over the industrial temperature range
of −40°C to +85°C. It has built-in thermal shutdown and output
short-circuit protection. It is available in a 9-ball, 1.2 mm ×
1.2 mm wafer level chip scale package (WLCSP).
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
PDAT
VDD
POWER-ON
RESET
CLOCKING POWER
CONTROL
PCLK
GAIN_FS
LRSEL
OUT+
OUT–
PVDD
PGND
INPUT
INTERFACE
FILTERING/
DAC
Σ-Δ
CLASS-D
MODULATOR
FULL-BRIDGE
POWER STAGE
SSM2537


Similar Part No. - SSM2537ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2537ACBZ-R7 AD-SSM2537ACBZ-R7 Datasheet
331Kb / 16P
PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
More results

Similar Description - SSM2537ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM Datasheet
233Kb / 13P
2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TFA9881 NXP-TFA9881 Datasheet
380Kb / 32P
3.4 W PDM input class-D audio amplifier
Rev. 1-5 January 2011
TFA9881_1104 PHILIPS-TFA9881_1104 Datasheet
408Kb / 32P
3.4 W PDM input class-D audio amplifier
Rev. 2-1 April 2011
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
logo
NXP Semiconductors
TFA9881 PHILIPS-TFA9881_15 Datasheet
413Kb / 32P
3.4 W PDM input class-D audio amplifier
Rev. 3-23 April 2013
logo
Texas Instruments
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
Digital Input Mono Class-D Audio Amplifier
logo
Analog Devices
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
9/11-Rev. A to Rev. B
SSM2529 AD-SSM2529 Datasheet
811Kb / 52P
Digital Input, Mono 2 W, Class-D Audio Power Amplifier
7/12-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com