Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDP24 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDP24
Description  LOAD DUMP TRANSIENT PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDP24 Datasheet(HTML) 2 Page - STMicroelectronics

  LDP24 Datasheet HTML 1Page - STMicroelectronics LDP24 Datasheet HTML 2Page - STMicroelectronics LDP24 Datasheet HTML 3Page - STMicroelectronics LDP24 Datasheet HTML 4Page - STMicroelectronics LDP24 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LDP24A
2/5
I
I F
V F
V
VCL
VBR
VRM
I PP
I RM
V
Symbol
Parameter
VRM
Stand-off voltage.
VBR
Breakdown voltage.
VCL
Clamping voltage.
IPP
Peak pulse current.
αT
Temperature coefficient of VBR.
C
Capacitance
IRM
Leakage current at VRM
VF
Peak forward voltage drop (IFM = 10A)
VF = 0.9 Volt Typ.
ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Ipp
Pulse duration: 300ms
30
A
IRM
TL = 25°C
TL = 85°C
VRM =24V
VRM =24V
50
300
µA
µA
VBR
TL = 25°C
IR = 1mA
25
32
V
VCL
TL = 85°C
see table1
40
V
αT
10
10
-4/°C
C
F = 1MHz
VR = 0V
8000
pF
LOAD DUMP TEST GENERATOR CIRCUIT (SCHAFFNER NSG 506 C). Issued from ISO / DTR 7637.
Impulse
N°5
Vs (V)
86.5
Vbat (V)
13.5
Ri (
Ω)
2
t (ms)
200 (*)
tr (ms)
<10
Number
5
60s between each pulse
(*) Generator setting
Table 1
U(V)
t
0
Vbat
90%
Vs
10%
t
tr
offset
10% / 13.5V
Open circuit (voltage curve)
(Pulse test n°5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com