Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1085D2M Datasheet(PDF) 2 Page - STMicroelectronics

Part # LD1085D2M
Description  3A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085D2M Datasheet(HTML) 2 Page - STMicroelectronics

  LD1085D2M Datasheet HTML 1Page - STMicroelectronics LD1085D2M Datasheet HTML 2Page - STMicroelectronics LD1085D2M Datasheet HTML 3Page - STMicroelectronics LD1085D2M Datasheet HTML 4Page - STMicroelectronics LD1085D2M Datasheet HTML 5Page - STMicroelectronics LD1085D2M Datasheet HTML 6Page - STMicroelectronics LD1085D2M Datasheet HTML 7Page - STMicroelectronics LD1085D2M Datasheet HTML 8Page - STMicroelectronics LD1085D2M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LD1085 SERIES
2/19
Figure 2: Pin Connection (top view)
Table 1: Order Codes
(*) Available in Tape & Reel with the suffix "R" for fixed version and "-R" for adjustable version.
Table 2: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
TO-220
TO-220FP
D2PAK (*)
D2PAK/A (*)
OUTPUT VOLTAGE
LD1085V15
LD1085P15
LD1085D2T15
LD1085D2M15
1.5 V
LD1085V18
LD1085P18
LD1085D2T18
LD1085D2M18
1.8 V
LD1085V25
LD1085P25
LD1085D2T25
LD1085D2M25
2.5 V
LD1085V28
LD1085P28
LD1085D2T28
LD1085D2M28
2.85 V
LD1085V33
LD1085P33
LD1085D2T33
LD1085D2M33
3.3 V
LD1085V36
LD1085P36
LD1085D2T36
LD1085D2M36
3.6 V
LD1085V50
LD1085P50
LD1085D2T50
LD1085D2M50
5.0 V
LD1085V80
LD1085P80
LD1085D2T80
LD1085D2M80
8.0 V
LD1085V90
LD1085P90
LD1085D2T90
LD1085D2M90
9.0 V
LD1085V12
LD1085P12
LD1085D2T12
LD1085D2M12
12.0 V
LD1085V
LD1085P
LD1085D2T
LD1085D2M
ADJ
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
30
V
IO
Output Current
Internally Limited
mA
PD
Power Dissipation
Internally Limited
mW
Tstg
Storage Temperature Range
-55 to +150
°C
Top
Operating Junction Temperature Range
-40 to +125
°C
TO-220
TO-220FP
D2PAK
D2PAK/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com