Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDD0906 Datasheet(PDF) 5 Page - Potens Semiconductor Corp.

Part # PDD0906
Description  100V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDD0906 Datasheet(HTML) 5 Page - Potens Semiconductor Corp.

  PDD0906 Datasheet HTML 1Page - Potens Semiconductor Corp. PDD0906 Datasheet HTML 2Page - Potens Semiconductor Corp. PDD0906 Datasheet HTML 3Page - Potens Semiconductor Corp. PDD0906 Datasheet HTML 4Page - Potens Semiconductor Corp. PDD0906 Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Potens semiconductor corp.
Ver.1.01
5
PDD0906
100V N-Channel MOSFETs
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
2.20
2.40
0.087
0.094
A1
0.91
1.11
0.036
0.044
A2
0.00
0.15
0.000
0.006
B
6.50
6.70
0.256
0.264
C
0.46
0.580
0.018
0.230
C1
0.46
0.580
0.018
0.030
D
5.10
5.46
0.201
0.215
E
2.186
2.386
0.086
0.094
F
0.74
0.94
0.029
0.037
F1
0.660
0.860
0.026
0.034
L
9.80
10.40
0.386
0.409
L1
2.9REF
0.114REF
L2
6.00
6.20
0.236
0.244
L3
0.60
1.00
0.024
0.039
θ
3°
9°
3°
9°
TO252 PACKAGE INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com