Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9715L Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM9715L
Description  AC??7 Audio and Touchpanel CODEC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9715L Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM9715L Datasheet HTML 45Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 46Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 47Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 48Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 49Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 50Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 51Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 52Page - Wolfson Microelectronics plc WM9715L Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
Production Data
WM9715L
w
PD Rev 4.0 December 2007
49
The WM9715L has two on-chip comparators that can be used to implement a battery alarm function,
or other functions such as a window comparator. Each comparator has one of its inputs tied to any
one of three device pins and the other tied to a voltage reference. The voltage reference can be
either internally generated (VREF = AVDD/2) or externally connected on AUX4 (pin 12).
The comparator output signals can be used to send an interrupt to the CPU via the GENIRQ pin,
and / or to wake up the WM9715L from sleep mode (see “Interrupt Control” for details).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
CP1
1
COMP1 Polarity (see also “Interrupt Control”)
0: Alarm when COMP1 voltage is below VREF
1: Alarm when COMP1 voltage is above VREF
4Eh
14
CP2
1
COMP2 Polarity (see also “Interrupt Control”)
0: Alarm when COMP2 voltage is below VREF
1: Alarm when COMP2 voltage is above VREF
58h
15:13
COMP2
DEL
0
Low Battery Alarm Delay
000: No delay
001: 0.17s (213 = 8192 AC-Link frames)
010: 0.34s (2
14 = 16384 AC-Link frames)
011: 0.68s (215 = 32768 AC-Link frames)
100: 1.4s (216 = 65536 AC-Link frames)
101: 2.7s (2
17 = 131072 AC-Link frames)
110: 5.5s (218 = 262144 AC-Link frames)
111: 10.9s (219 = 524288 AC-Link frames)
Table 32 Comparator Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Comparator 1 Reference Voltage
0
VREF = AVDD/2
14
C1REF
0
1
WIPER/AUX4 (pin 12)
Comparator 1 Signal Source
00
AVDD/2 when C1REF=’1’. Otherwise
comparator 1 is powered down
01
COMP1/AUX1 (pin 29)
10
COMP2/AUX2 (pin 30)
13:12
C1SRC
00
11
BMON/AUX3 (pin 31)
Comparator 2 Reference Voltage
0
VREF = AVDD/2
11
C2REF
0
1
WIPER/AUX4 (pin 12)
Comparator 2 Signal Source
00
AVDD/2 when C2REF=’1’. Otherwise
comparator 2 is powered down
01
COMP1/AUX1 (pin 29)
10
COMP2/AUX2 (pin 30)
5Ch
Additional
Analogue
Functions
10:9
C2SRC
00
11
BMON/AUX3 (pin 31)
Table 33 Comparator Reference and Source Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com