Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8956 Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8956
Description  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8956 Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8956 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8956 Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
Preliminary Technical Data
WM8956
w
PTD, July 2007, Rev 2.1
73
DIGITAL FILTER CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC Normal Filter
+/- 0.03dB
0
0.454 fs
Passband
-6dB
0.5 fs
Passband Ripple
0.454 fs
+/- 0.03
dB
Stopband
0.546 fs
Stopband Attenuation
f > 0.546 fs
-50
dB
DAC Sloping Stopband Filter
+/- 0.03dB
0
0.25 fs
+/- 1dB
0.25 fs
0.454 fs
Passband
-6dB
0.5 fs
Passband Ripple
0.25 fs
+/- 0.03
dB
Stopband 1
0.546 fs
0.7 fs
Stopband 1 Attenuation
f > 0.546 fs
-60
dB
Stopband 2
0.7 fs
1.4 fs
Stopband 2 Attenuation
f > 0.7 fs
-85
dB
Stopband 3
1.4 fs
Stopband 3 Attenuation
f > 1.4 fs
-55
dB
DAC FILTERS
Mode
Group Delay
Normal
18 / fs
Sloping Stopband
18 / fs
DAC FILTER RESPONSES
DAC STOPBAND ATTENUATION
The DAC digital filter type is selected by the DACSLOPE register bit as shown in Table 42.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
DAC Control (2)
1
DACSLOPE
0
Selects DAC filter characteristics
0 = Normal mode
1 = Sloping stopband mode
Table 42 DAC Filter Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com