Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8941GEFL/RV Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8941GEFL/RV
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941GEFL/RV Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8941GEFL/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8941GEFL/RV Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
Pre Production
WM8941
w
PP, Rev 3.3, December 2007
13
Typical current consumption for various scenarios is shown below.
MODE
AVDD
(3V3)
MA
SPKVDD
(3V3)
MA
VBVDD
(3V3)
MA
DVDD
(1.8V)
MA
TOTAL
POWER
(MW)
Power OFF (No Clocks)
0.038
0
0
0
0.125
Sleep (VMID maintained, No Clocks)
0.190
0
0
0
0.627
Mono Record (MIC input, +20dB gain, 8kHz,
quiescent) SLAVE
4.1
0
0
0.3
14.2
Mono Record (MIC input, +20dB gain, 44.1kHz, PLL,
quiescent) MASTER
5.3
0
0
2.1
21.1
Mono 16Ω HP Playback (0.1mW, 1kHz sine wave, ac
coupled) SLAVE
2.8
1.5
0
1.6
17.1
Mono 8Ω BTL speaker Playback (44.1kHz, 200mW,
1kHz sine wave) SLAVE
2.8
62.0 *
0
1.6
216.8 *
Mono 8Ω BTL speaker Playback (44.1kHz, PLL,
quiescent) MASTER
3.9
1.5
0
1.9
21.2
Mono 8Ω BTL speaker Playback (44.1kHz, PLL,
quiescent) MASTER and Video Buffer (0dB gain,
unloaded, quiescent)
3.9
1.5
4.8
1.9
36.9
Mono 8Ω BTL speaker Playback (44.1kHz, 200mW,
1kHz sine wave) SLAVE and Video Buffer (1Vpp
Multiburst, AC coupled, Clamp Enabled, 0dB gain, 75Ω
load)
2.8
62.0 *
22.0
1.6
289.3 *
Mono 8Ω BTL speaker Playback (44.1kHz, 200mW,
1kHz sine wave) SLAVE and Video Buffer (0.5Vpp
Multiburst, AC coupled, Clamp enabled, +6dB gain,
75Ω load)
2.8
62.0 *
23.7
1.6
294.9 *
Table 1 Power Consumption
Note: Power consumption figures include any power dissipated in the load (e.g. in the headphone or speaker)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com