Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB506CFS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BB506CFS
Description  Built in Biasing Circuit MOS FET IC UHF RF Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB506CFS Datasheet(HTML) 2 Page - Renesas Technology Corp

  BB506CFS Datasheet HTML 1Page - Renesas Technology Corp BB506CFS Datasheet HTML 2Page - Renesas Technology Corp BB506CFS Datasheet HTML 3Page - Renesas Technology Corp BB506CFS Datasheet HTML 4Page - Renesas Technology Corp BB506CFS Datasheet HTML 5Page - Renesas Technology Corp BB506CFS Datasheet HTML 6Page - Renesas Technology Corp BB506CFS Datasheet HTML 7Page - Renesas Technology Corp BB506CFS Datasheet HTML 8Page - Renesas Technology Corp BB506CFS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BB506C
Rev.1.00
Jun. 27, 2005,
page 2 of 8
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V(BR)DSS
6
—
—
V
ID = 200
µA, VG1S = VG2S = 0
Gate1 to source breakdown
voltage
V(BR)G1SS
+6
—
—
V
IG1 = +10
µA, VG2S = VDS = 0
Gate2 to source breakdown
voltage
V(BR)G2SS
+6
—
—
V
IG2 = +10
µA, VG1S = VDS = 0
Gate1 to source cutoff
current
IG1SS
—
—
+100
nA
VG1S = +5 V, VG2S = VDS = 0
Gate2 to source cutoff
current
IG2SS
—
—
+100
nA
VG2S = +5 V, VG1S = VDS = 0
Gate1 to source cutoff
voltage
VG1S(off)
0.5
0.8
1.1
V
VDS = 5 V, VG2S = 4 V, ID = 100
µA
Gate2 to source cutoff
voltage
VG2S(off)
0.4
0.7
1.0
V
VDS = 5 V, VG1S = 5 V, ID = 100
µA
Drain current
ID(op)
12
16
20
mA
VDS = 5 V, VG1 = 5 V, VG2S = 4 V
RG = 100 k
Ω
Forward transfer admittance
|yfs|
27
32
38
mS
VDS = 5 V, VG1 = 5 V, VG2S = 4 V
RG = 100 k
Ω, f = 1 kHz
Input capacitance
Ciss
1.2
1.6
2.0
pF
Output capacitance
Coss
0.7
1.1
1.5
pF
VDS = 5 V, VG1 = 5 V, VG2S = 4 V
RG = 100 k
Ω, f = 1 MHz
Power gain
PG
19
24
29
dB
Noise figure
NF
—
1.4
2.1
dB
VDS = 5 V, VG1 = 5V, VG2S = 4 V
RG = 100 k
Ω, f = 900 MHz
Bias Circuit for Operating Items (ID(op), |yfs|, Ciss, Coss, NF, PG)
Gate 1
Source
Drain
Gate 2
R G
A
I D
VG2
VG1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com