Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYP15G0401TB Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYP15G0401TB
Description  Quad HOTLink II??Transmitter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYP15G0401TB Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYP15G0401TB Datasheet HTML 7Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 8Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 9Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 10Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 11Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 12Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 13Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 14Page - Cypress Semiconductor CYP15G0401TB Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
PRELIMINARY
CYP15G0401TB
Document #: 38-02112 Rev. **
Page 11 of 30
• the remote receiver a way of determining the correct
character boundaries (framing).
When the Encoder is enabled (TXMODE[1]
≠ LOW), the
characters to be transmitted are converted from Data or
Special Character codes to 10-bit transmission characters (as
selected by their respective TXCTx[1:0] and SCSEL inputs),
using an integrated 8B/10B Encoder. When directed to encode
the character as a Special Character code, it is encoded using
the Special Character encoding rules listed in Table 14. When
directed to encode the character as a Data character, it is
encoded using the Data Character encoding rules in Table 13.
The 8B/10B Encoder is standards compliant with ANSI/NCITS
ASC X3.230-1994 (Fibre Channel), IEEE 802.3z (Gigabit
Ethernet), the IBM® ESCON® and FICON™ channels, Digital
Video Broadcast (DVB-ASI), and ATM Forum standards for
data transport.
Many of the Special Character codes listed in Table 14 may be
generated
by
more
than
one
input
character.
The
CYP15G0401TB is designed to support two independent (but
non-overlapping) Special Character code tables. This allows
the CYP15G0401TB to operate in mixed environments with
other Cypress HOTLink devices using the enhanced Cypress
command code set, and the reduced command sets of other
non-Cypress devices. Even when used in an environment that
normally uses non-Cypress Special Character codes, the
selective use of Cypress command codes can permit
operation where running disparity and error handling must be
managed.
Following conversion of each input character from eight bits to
a 10-bit transmission character, it is passed to the Transmit
Shifter and is shifted out LSB first, as required by ANSI and
IEEE standards for 8B/10B coded serial data streams.
Transmit Modes
The operating mode of the transmit path is set through the
TXMODE[1:0] inputs. These static three-level select inputs
allow one of nine transmit modes to be selected. The transmit
modes are listed in Table 3
The encoded modes (TX Modes 3 through 8) support multiple
encoding tables. These encoding tables vary by the specific
combinations of SCSEL, TXCTx[1], and TXCTx[0] that are
used to control the generation of data and control characters.
These multiple encoding forms allow maximum flexibility in
interfacing to legacy applications, while also supporting
numerous extensions in capabilities.
TX Mode 0—Encoder Bypass
When the Encoder is bypassed, the character captured from
the TXDx[7:0] and TXCTx[1:0] inputs is passed directly to the
Transmit Shifter without modification. If parity checking is
enabled (PARCTL
≠ LOW) and a parity error is detected, the
10-bit character is replaced with the 1001111000 pattern
(+C0.7 character).
With the Encoder bypassed, the TXCTx[1:0] inputs are
considered part of the data character and do not perform a
control function that would otherwise modify the interpretation
of the TXDx[7:0] bits. The bit usage and mapping of these
control bits when the Encoder is bypassed is shown in Table 4.
In Encoder Bypass mode, the SCSEL input is ignored. All
clocking modes interpret the data the same, with no internal
linking between channels.
TX Modes 1 and 2—Factory Test Modes
These modes enable specific factory test configurations. They
are not considered normal operating modes of the device.
Entry or configuration of the device into these modes will not
damage the device.
TX Mode 3— Word Sync and SCSEL Control of Special Codes
When configured in TX Mode 3, the SCSEL input is captured
along with the associated TXCTx[1:0] data control inputs.
These bits combine to control the interpretation of the
TXDx[7:0] bits and the characters generated by them. These
bits are interpreted as listed in Table 5.
When TXCKSEL = MID, all transmit channels capture data into
their Input Registers using independent TXCLKx clocks. In this
mode, the SCSEL input is sampled only by TXCLKA
↑. When
the character (accepted in the Channel-A Input Register) has
passed through the Phase-align Buffer and any selected parity
validation, the level captured on SCSEL is passed to the
Encoder of the remaining channels during this same cycle.
Note:
8. LSB is shifted out first.
Table 3. Transmit Operating Modes
TX Mode
Operating Mode
Word Sync
Sequence
Support
SCSEL
Control
TXCTx Function
0
LL
None
None
Encoder Bypass
1
LM
None
None
Reserved for test
2
LH
None
None
Reserved for test
3ML
Atomic
Special
Character
Encoder Control
4
MM Atomic
Word Sync
Encoder Control
5
MH Atomic
None
Encoder Control
6
HL
Interruptible
Special
Character
Encoder Control
7
HM Interruptible
Word Sync
Encoder Control
8
HH Interruptible
None
Encoder Control
Table 4. Encoder Bypass Mode (TXMODE[1:0] = LL)
Signal Name
Bus Weight
10Bit Name
TXDx[0] (LSB)[8]
20
a
TXDx[1]
21
b
TXDx[2]
22
c
TXDx[3]
23
d
TXDx[4]
24
e
TXDx[5]
25
i
TXDx[6]
26
f
TXDx[7]
27
g
TXCTx[0]
28
h
TXCTx[1] (MSB)
29
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com