Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S250P Datasheet(PDF) 1 Page - OSRAM GmbH

Part # S250P
Description  VIALOX® NAV® SUPER 4Y®
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

S250P Datasheet(HTML) 1 Page - OSRAM GmbH

  S250P Datasheet HTML 1Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Information
VIALOX
®
®
®
® NAV®®®® SUPER 4Y®®®®
HID M, release 12/04,
subject to modifications
Product features:
• High pressure sodium lamp 250 Watt
• Increased luminous flux compared to standard
high pressure sodium lamps
• Elliptical, electrostatic white coating inside
• Centrally-located, durable ceramic arc tube with
integrated strike bar and sodium amalgam filling
• For ignitors from 4 to 5 kV
• Maximum lamp diameter 90 mm,
maximum length 226 mm
• E40 base, nickel-plated brass for corrosion
resistance
• Nominal luminous flux 31,000 lm
• Luminous efficacy 124 lm/W
• Light depreciation less than 10%
after 16,000 hours of operation
• Early failure rate less than 5%
after 16,000 hours of operation
• Average lifetime 32,000 hours of operation
Lamp wattage
250 W
System wattage (with CCG)
285 W
Lamp voltage
100 V
Ignition voltage min./max.
4/5 kVS
Lamp current
3.0 A
Mains current comp. at cos
ϕ ≥ 0,9
1.5 A
Nominal luminous flux
31,000 lm
Luminous efficacy
124 lm/W
Average luminance
30 cd/cm
2
Colour rendering index
Light colour/Colour appearance
Colour temperature
2,000 K
Diameter d
90 mm
Length max. l
226 mm
Base
Burning position
Max. perm. outer bulb temp.
400 °C
Max. perm. base edge temp.
250 °C
Comp. cap. at 50 Hz cos
ϕ ≥ 0,9
32 µF
Average lamp life
32,000 h
Failure rate at 16.000 h
5 %
Ordering abbreviation
EAN 4050300
Standard pack
12 pieces
NAV-E 250
SUPER 4Y
024387
4/
≤25
warmwhite
universal
E40
NAV-E 250 W SUPER 4Y
Elliptical,
coated
Survival rate
Luminous flux
4,000 h
100%
97%
8,000 h
99%
95%
10,000 h
98%
94%
12,000 h
97%
94%
14,000 h
96%
93%
16,000 h
95%
92%
20,000 h
90%
90%
32,000 h
50%
82%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
4000
8000
12000
16000
20000
24000
28000
32000
Hours burned
Typical luminous flux and survival rate
Luminous flux
Survival rate
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
4000
8000
12000
16000
20000
24000
28000
32000
Hours burned
Typical luminous flux and survival rate
Luminous flux
Survival rate


Similar Part No. - S250P

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S250 DIOTEC-S250 Datasheet
139Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Semikron International
S250 SEMIKRON-S250 Datasheet
156Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
S250 DIOTEC-S250 Datasheet
126Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
S250 DIOTEC-S250 Datasheet
114Kb / 2P
Surface Mount Si-Bridge-Rectifiers
logo
Galaxy Semi-Conductor H...
S250 BILIN-S250 Datasheet
136Kb / 2P
GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
More results

Similar Description - S250P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR12A45SP5 DIODES-SBR12A45SP5 Datasheet
561Kb / 5P
12A SBR® SUPER BARRIER RECTIFIER POWERDI®
June 2015
SBR5E45P5 DIODES-SBR5E45P5 Datasheet
237Kb / 5P
5A SBR® SUPER BARRIER RECTIFIER POWERDI®5
July 2015
SBR5E60P5 DIODES-SBR5E60P5 Datasheet
500Kb / 5P
5A SBR® SUPER BARRIER RECTIFIER POWERDI®5
November 2015
SBR8A45SP5 DIODES-SBR8A45SP5 Datasheet
357Kb / 5P
8A SBR® SUPER BARRIER RECTIFIER POWERDI®
June 2015
SBR8A60P5 DIODES-SBR8A60P5 Datasheet
455Kb / 5P
8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
March 2015
SBR8E45P5 DIODES-SBR8E45P5 Datasheet
238Kb / 5P
8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
August 2015
SBR8E60P5 DIODES-SBR8E60P5 Datasheet
236Kb / 5P
8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
July 2015
SBR8U20SP5Q DIODES-SBR8U20SP5Q Datasheet
136Kb / 5P
8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
June 2013
logo
Advantech Co., Ltd.
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com