Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD03005 Datasheet(PDF) 2 Page - Polymaker Industrial

Part # PD03005
Description  Innovators in 3D prointing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYMAKER [Polymaker Industrial]
Direct Link  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

PD03005 Datasheet(HTML) 2 Page - Polymaker Industrial

  PD03005 Datasheet HTML 1Page - Polymaker Industrial PD03005 Datasheet HTML 2Page - Polymaker Industrial PD03005 Datasheet HTML 3Page - Polymaker Industrial PD03005 Datasheet HTML 4Page - Polymaker Industrial  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PolyFlex™ TPU95 is a thermoplastic polyurethane (TPU) based filament specifically
engineered to work on most desktop 3D printers. It has a shore hardness of 95A and
can stretch more than 3 times its original length.
Property
Testing Method
Typical Value
Density
ISO1183, GB/T1033
1.20-1.24 g/cm3 at 21° C
Melt Index
210° C, 1.2 kg
3-6 g/10min
Light Transmission
N/A
N/A
Flame retardancy
UL94
V2
Property
Testing Method
Effect of weak acids
Not Resistant
Effect of strong acids
Not Resistant
Effect of weak alkalis
Not Resistant
Effect of strong alkalis
Not Resistant
Effect of organic solvent
No data available
Effect of oils and grease
No data available
Effect of Sunlight
No data available



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com