Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL811ST Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # SL811ST
Description  SL811S/T USB Dual Speed Slave Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811ST Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button SL811ST Datasheet HTML 17Page - Cypress Semiconductor SL811ST Datasheet HTML 18Page - Cypress Semiconductor SL811ST Datasheet HTML 19Page - Cypress Semiconductor SL811ST Datasheet HTML 20Page - Cypress Semiconductor SL811ST Datasheet HTML 21Page - Cypress Semiconductor SL811ST Datasheet HTML 22Page - Cypress Semiconductor SL811ST Datasheet HTML 23Page - Cypress Semiconductor SL811ST Datasheet HTML 24Page - Cypress Semiconductor SL811ST Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
SL811S/T
Document #: 38-08009 Rev. **
Page 21 of 27
7.3
DC Characteristics
7.4
USB Transceiver Characteristics
Notes:
5.
ICC measurement includes USB Transceiver current operating at Full Speed.
6.
ICCSUS1 measured with 12-MHz Clock Input and Internal PLL enabled. Suspend set –(USB transceiver and internal Clocking disabled).
7.
ICCSUS2 measured with external Clock and PLL disabled and Suspend set. For absolute minimum current consumption ensure that all inputs to the device are
at static logic level.
8.
All typical values are VDD = 3.3V and Tamb= 25°C.
9.
ZUSBX Impedance Values includes an external resistor of 33–42 Ohms ±1%.
Parameter
Description
Min.
Typical
Max.
VIL
Input Voltage LOW
–0.3V
0.8V
VIH
Input Voltage HIGH
(5V Tolerant I/O)
2.0V
6.0V
VOL
Output Voltage LOW (IOL = 4 mA)
0.4V
VOH
Output Voltage HIGH (IOH = –4 mA)
2.4V
IOH
Output Current HIGH
4 mA
IOL
Output Current LOW
4 mA
ILL
Input Leakage
±1
µA
CIN
Input Capacitance
10 pF
ICC
[5]
Supply Current (VDD) inc USB @FS
21 mA
25 mA
ICCsus1
[6]
Supply Current (VDD) Suspend w/Clk & Pll Enb
4.2 mA
5 mA
ICCsus2
[7]
Supply Current (VDD) Suspend no Clk & Pll Dis.
50
µA
60
µA
IUSB
Supply Current (VDD1)
10 mA
IUSBSUS
Transceiver Supply Current in Suspend
10
µA
Parameter
Description
Min.
Typical[8]
Max.
VIHYS
Differential Input
Sensitivity (D+, D–)
0.2V
VUSBIH
USB Input Voltage HIGH Driven
2.0V
VUSBIL
USB Input Voltage LOW
0.8V
VUSBOH
USB Output Voltage HIGH
2.8V
VUSBOL
USB Output Voltage LOW
0.0V
0.3V
ZUSBH
[9]
Output Impedance HIGH STATE
33 Ohms
42 Ohms
ZUSBL
[9]
Output Impedance LOW STATE
33 Ohms
42 Ohms
IUSB
Transceiver Supply p-p Current
(3.3V)
10 mA
At Full Speed.
IUSBSUS
Transceiver Supply Current in
Suspend
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com