Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5203 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5203
Description  DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5203 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5203 Datasheet HTML 1Page - Analog Devices ADRF5203 Datasheet HTML 2Page - Analog Devices ADRF5203 Datasheet HTML 3Page - Analog Devices ADRF5203 Datasheet HTML 4Page - Analog Devices ADRF5203 Datasheet HTML 5Page - Analog Devices ADRF5203 Datasheet HTML 6Page - Analog Devices ADRF5203 Datasheet HTML 7Page - Analog Devices ADRF5203 Datasheet HTML 8Page - Analog Devices ADRF5203 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
ADRF5203
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 15
VDD = 12V, VSS = −12V, CTRL, EN, and HIGHZ = 0V or 3.3V, and TCASE = 25°C, with a 100Ω differential system, unless otherwise noted. RFC
refers to the RFCP and RFCN differential pair, RF1 refers to the RF1P and RF1N differential pair, RF2 refers to the RF2P and RF2N differential
pair, and RFx refers the RF1 and RF2 differential pairs.
Table 1. Electrical Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0
12
GHz
INSERTION LOSS
RFC and RFx (On)
DC to 6GHz
0.65
dB
6GHz to 10GHz
0.9
dB
10GHz to 12GHz
1.1
dB
RETURN LOSS
RFC (On)
DC to 6GHz
18
dB
6GHz to 10GHz
15
dB
10GHz to 12GHz
13
dB
RFx (On)
DC to 6GHz
19
dB
6GHz to 10GHz
16
dB
10GHz to 12GHz
13
dB
RFx (Terminated)
DC to 6GHz
16
dB
6GHz to 10GHz
14
dB
10GHz to 12GHz
13
dB
ISOLATION
RFC to RFx (Terminated)
DC to 6GHz
48
dB
6GHz to 10GHz
41
dB
10GHz to 12GHz
37
dB
RFC to RFx (HIGHZ)
DC to 6GHz
45
dB
6GHz to 10GHz
36
dB
10GHz to 12GHz
32
dB
RFx to RFx (Terminated)
DC to 6GHz
49
dB
6GHz to 10GHz
42
dB
10GHz to 12GHz
37
dB
RFx to RFx (HIGHZ)
DC to 6GHz
55
dB
6GHz to 10GHz
43
dB
10 GHz to 12GHz
35
dB
DC CHARACTERISTICS
Single ended
RFC to RFx On Resistance
RON
RFCP to RF1P and RFCN to RF1N
2.5
Ω
RFC to RFx Off Resistance
ROFF
RFCP to RF1P and RFCN to RF1N
1.2
MΩ
RFC to GND
RCG
RFCP to GND and RFCN to GND
>30
MΩ
RFx to GND
RXG
RF1P to GND and RF1N to GND
>30
MΩ
SWITCHING CHARACTERISTICS
Rise and Fall Time
tRISE,
tFALL
10% to 90% of RF output
400
ns
On Time
tON
50% CTRL voltage (VCTRL) to 90% of RF output
1.9
µs
Off Time
tOFF
50% VCTRL to 10% of RF output
1.1
µs
0.1dB Settling Time
tSETTLING 50% VCTL to 0.1 dB of final RF output
3.2
µs
INPUT LINEARITY 1
0.1dB Power Compression
P0.1dB
100MHz to 10GHz
34
dBm
10GHz to 12GHz
33
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com