Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP512 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 9Page - Texas Instruments TMP512 Datasheet HTML 10Page - Texas Instruments TMP512 Datasheet HTML 11Page - Texas Instruments TMP512 Datasheet HTML 12Page - Texas Instruments TMP512 Datasheet HTML 13Page - Texas Instruments TMP512 Datasheet HTML 14Page - Texas Instruments TMP512 Datasheet HTML 15Page - Texas Instruments TMP512 Datasheet HTML 16Page - Texas Instruments TMP512 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
7.3.5 Digital Filter
Remote junction temperature sensors are typically implemented in a noisy environment. Noise is most often
created by fast digital signals that can corrupt measurements. A digital filter is available for the remote
temperature measurements to reduce the effect of noise. This filter is programmable and has two levels when
enabled. Level 1 performs a moving average of four consecutive samples. Level 2 performs a moving average of
eight consecutive samples. After POR, the output of the digital filter starts with a default ZERO without previous
data. The output of the digital filter is stored in the remote temperature result register, and the temperature limits
are compared to this value. The filter responses to impulse and step inputs are shown in Figure 7-3 and Figure
7-4, respectively. The filter can be enabled or disabled by programming the desired levels in register settings.
The digital filter is disabled by default.
The averages are cleared after the filter is set to 00h. Filtering can be used with both continuous conversions
and one-shot conversions.
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Samples
Disabled
Level1
Level 2
Figure 7-3. Filter Response to Impulse Inputs
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Samples
Disabled
Level 1
Level 2
Figure 7-4. Filter Response to Step Inputs
In addition to the built-in digital filter of the device, TI recommends the user add an external capacitor between
the DP and DN pins on the remote channel. The capacitor acts as a bypass filter to help reduce high-frequency
EMI noise when the device is operating in a noisy environment. The recommended optimal value for the
capacitor is 470pF, and the value must not exceed 3nF to allow proper operation of the temperature sensor.
7.3.6 One-Shot Conversions
Users can write any data to the one-shot register to trigger a manual single one-shot conversion. This allows for
greater control of the device and flexibility of system implementation. This feature is only available in Shutdown
mode, and writes to the one-shot register has no effect in continuous conversion mode. For best performance in
one-shot mode, have the communication bus idle during temperature conversion (within tCONV after a conversion
is triggered).
www.ti.com
TMP4719
SBOSAJ7A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com