Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C18ST Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C18ST
Description  OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C18ST Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C18ST Datasheet HTML 1Page - List of Unclassifed Manufacturers C18ST Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Voltage Control Options
External control voltage
+ 1,65 VDC ±1,65 VDC (3,3V)
+2,5 VDC ±2,5 VDC (5,0V)
Other on custom request
Linearity
± 10% max.
Other on custom request
Frequency tuning range
± 10 ppm
Other on custom request
Pulling slope
Positive
Other on custom request
Drawing
Options
Package
T183C with hole
#1 : NC / Vco
#2 : GND
#3 : Output
#4 : Vcc
Pin configuration
C18ST OSCILLATOR
HM International
Demer 26 B-2230 Herselt BELGIUM
Tel. +32(0)14548955
Fax. +32(0)14549443
email : info@hminternational.be
www.hminternational.be
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com