Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W149 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W149
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W149 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W149 Datasheet HTML 1Page - Cypress Semiconductor W149 Datasheet HTML 2Page - Cypress Semiconductor W149 Datasheet HTML 3Page - Cypress Semiconductor W149 Datasheet HTML 4Page - Cypress Semiconductor W149 Datasheet HTML 5Page - Cypress Semiconductor W149 Datasheet HTML 6Page - Cypress Semiconductor W149 Datasheet HTML 7Page - Cypress Semiconductor W149 Datasheet HTML 8Page - Cypress Semiconductor W149 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
W149
Document #: 38-07176 Rev. *A
Page 2 of 16
Pin Definitions
Pin Name
Pin No.
Pin Type
Pin Description
CPU0:1
44, 43
O
CPU Clock Outputs: See Tables 2 and 6 for detailed frequency information. Output
voltage swing is controlled by voltage applied to VDDQ2.
PCI1:5
8, 10, 11, 12,
13
O
PCI Clock Outputs 1 through 5: These five PCI clock outputs are controlled by
the PCI_STOP# control pin. Output voltage swing is controlled by voltage applied
to VDDQ3.
PCI_F/MODE
7
I/O
Fixed PCI Clock Output: Frequency is set by the FS0:1 inputs or through serial
input interface, see Tables 2 and 6. This output is not affected by the PCI_STOP#
input. Upon power-up the mode input will be latched, which will determine the func-
tion of pin 2, REF0/(PCI_STOP#). See Table 1.
OE
41
I
Output Enable Input: When brought LOW, all outputs are placed in a high-imped-
ance state. When brought HIGH, all clock outputs activate.
IOAPIC
47
O
IOAPIC Clock Output: Provides 14.318-MHz fixed frequency. The output voltage
swing is controlled by VDDQ2.
48MHz/FS0
26
I/O
48-MHz Output: 48 MHz is provided in normal operation. In standard systems, this
output can be used as the reference for the Universal Serial Bus. Upon power-up,
FS0 input will be latched, which will set clock frequencies as described in Table 2.
This output does not have the Spread Spectrum feature.
24MHz/FS1
25
I/O
24-MHz Output: 24 MHz is provided in normal operation. In standard systems, this
output can be used as the clock input for a Super I/O chip. Upon power-up FS1 input
will be latched, which will set clock frequencies as described in Table 2. This output
does not have the Spread Spectrum feature.
REF1/FS2
46
I/O
I/O Dual-Function REF1 and FS2 pin: Upon power-up, FS2 input will be latched
which will set clock frequencies as described in Table 2. When an output, this pin
provides a fixed clock signal equal in frequency to the reference signal provided at
the X1/X2 pins.
REF0/
(PCI_STOP#)
2
I/O
Fixed 14.318-MHz Output 0 or PCI_STOP# Pin: Function is determined by the
MODE input. When set as an input, the PCI_STOP# input enables the PCI 1:5
outputs when HIGH and causes them to remain at logic 0 when LOW. The
PCI_STOP signal is latched on the rising edge of PCI_F. Its effects take place on
the next PCI_F clock cycle. When an output, this pin provides a fixed clock signal
equal in frequency to the reference signal provided at the X1/X2 pins.
SDRAMIN
15
I
Buffered Input Pin: The signal provided to this input pin is buffered to 13 outputs
(SDRAM0:12).
SDRAM0:12
38, 37, 35,
34, 32, 31,
29, 28, 21,
20, 18, 17, 40
O
Buffered Outputs: These thirteen dedicated outputs provide copies of the signal
provided at the SDRAMIN input. The swing is set by VDDQ3, and they are deacti-
vated when CLK_STOP# input is set LOW.
SCLK
24
I
Clock pin for SMBus circuitry.
SDATA
23
I/O
Data pin for SMBus circuitry.
X1
4
I
Crystal Connection or External Reference Frequency Input: This pin has dual
functions. It can be used as an external 14.318-MHz crystal connection or as an
external reference frequency input.
X2
5
I
Crystal Connection: An input connection for an external 14.318-MHz crystal. If
using an external reference, this pin must be left unconnected.
VDDQ3
1, 6, 14, 19,
27, 30, 36
P
Power Connection: Power supply for core logic, PLL circuitry, SDRAM outputs,
PCI outputs, reference outputs, 48-MHz output, and 24-MHz output. Connect to
3.3V supply.
VDDQ2
42, 48
P
Power Connection: Power supply for IOAPIC and CPU0:1 output buffers. Connect
to 2.5V, or 3.3V.
GND
3, 9, 16, 22,
33, 39, 45
G
Ground Connections: Connect all ground pins to the common system ground
plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com