Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W144HT Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # W144HT
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W144HT Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button W144HT Datasheet HTML 6Page - Cypress Semiconductor W144HT Datasheet HTML 7Page - Cypress Semiconductor W144HT Datasheet HTML 8Page - Cypress Semiconductor W144HT Datasheet HTML 9Page - Cypress Semiconductor W144HT Datasheet HTML 10Page - Cypress Semiconductor W144HT Datasheet HTML 11Page - Cypress Semiconductor W144HT Datasheet HTML 12Page - Cypress Semiconductor W144HT Datasheet HTML 13Page - Cypress Semiconductor W144HT Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
W144
Document #: 38-07153 Rev. *B
Page 12 of 14
IOAPIC Clock Output (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.6/100.2 MHz
Unit
Min.
Typ.
Max.
f
Frequency, Actual
Frequency generated by crystal oscillator
14.31818
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.0V
1
–
4
V/ns
tF
Output Fall Edge Rate
Measured from 2.0V to 0.4V
1
–
4
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.25V
45
–
55
%
fST
Frequency Stabilization
from Power-up (cold start)
Assumes full supply voltage reached within
1 ms from power-up. Short cycles exist prior to
frequency stabilization.
––
1.5
ms
Zo
AC Output Impedance
Average value during switching transition.
Used for determining series termination value.
–15–
Ω
REF0:1 Clock Output (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
CPU = 66.6/100.2 MHz
Unit
Min.
Typ.
Max.
f
Frequency, Actual
Frequency generated by crystal oscillator
14.318
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
0.5
–
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
–
2V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
–
55
%
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached within 1 ms from
power-up. Short cycles exist prior to frequency stabili-
zation.
––
3
ms
Zo
AC Output Impedance
Average value during switching transition. Used for
determining series termination value.
–40–
Ω
48-MHz Clock Output (Lump Capacitance Test Load = 20 pF = 66.6/100 MHz
Parameter
Description
Test Condition/Comments
CPU = 66.6/100.2 MHz
Unit
Min.
Typ.
Max.
f
Frequency, Actual
Determined by PLL divider ratio (see p/q below)
–48.008–
MHz
fD
Deviation from 48 MHz (48.008 – 48)/48
+167
ppm
p/q
PLL Ratio
(14.31818 MHz x 57/17 = 48.008 MHz)
–57/17
tR
Output Rise Edge Rate Measured from 0.4V to 2.4V
0.5
–
2
V/ns
tF
Output Fall Edge Rate Measured from 2.4V to 0.4V
0.5
–
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
–
55
%
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached within 1 ms from
power-up. Short cycles exist prior to frequency stabili-
zation.
––3
ms
Zo
AC Output Impedance Average value during switching transition. Used for
determining series termination value.
–40–
Ω
24-MHz Clock Output (Lump Capacitance Test Load = 20 pF= 66.6/100 MHz
Parameter
Description
Test Condition/Comments
CPU = 66.6/100.2 MHz
Unit
Min.
Typ.
Max.
f
Frequency, Actual
Determined by PLL divider ratio (see p/q below)
24.004
MHz
fD
Deviation from 24 MHz (24.004 – 24)/24
+167
ppm
p/q
PLL Ratio
(14.31818 MHz x 57/34 = 24.004 MHz)
57/34
tR
Output Rise Edge Rate Measured from 0.4V to 2.4V
0.5
–
2
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
0.5
–
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
–
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com