Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP25B-S-R Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # DP25B-S-R
Description  ECONOMICAL STRAIN INDICATORS WITH BUILT-IN SENSOR EXCITATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

DP25B-S-R Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  DP25B-S-R Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECONOMICAL STRAIN
INDICATORS
WITH BUILT-IN SENSOR EXCITATION
1
To Order
MODEL NO.
INPUT RANGES*
EXCITATION
DP25B-S
0 to 100 mV, ±50 mV,
24 V @ 25 mA or
0 to 10 V, ±5 V, 0 to 20 mA,
12 V @ 50 mA,
4 to 20 mA
5 V @ 60 mA or
10 V @ 120 mA
SPECIFICATIONS
Accuracy (@ 25°C/77°F):
±0.03% of reading, ±1 count
Operating Temp: 0 to 50°C
(32 to 122°F)
Span Temp Coefficient: ±50 ppm/°C
Storage Temperature:
-40 to 85°C (-40 to 185°F)
Relative Humidity: 90% at 40°C
(104°F), non-condensing
CMR: 120 dB
NMR: 60 dB
Isolation: Dielectric strength to
2500 V transient per 3 mm spacing
based on EN 61010 for 260 Vrms or
DC working voltage
Display: 4-digit, 9-segment, 21 mm
(0.83") high, red, amber or green
LED (programmable)
Display Range: -1999 to 9999 counts
Conversion Rate: 3 per second
Step Response: 1 to 2 seconds
Relays: Dual 250 Vac, 5 A, SPDT
or 30 Vdc
Analog Output: Scalable 0 to 10 V
or 4 to 20 mA
POWER REQUIREMENTS
Voltage: 115 (standard) or 230 Vac
(optional), ±10%
Frequency: 50/60 Hz
Power Consumption: 9.5 to 11.5 W
MECHANICAL SPECIFICATIONS
WITH AI-R OPTION
Bezel: 96 W x 48 H x 20 mm D
(3.78 x 1.89 x 0.80")
Panel Cutout: 92 W x 45 mm H
(3.622 x 1.772")
Depth Behind Panel: 152 mm (6.0")
Options (Not Field Installable)
* Input ranges and excitation are user selectable.
Ordering Example: DP25B-S-AR, 115 Vac powered digital strain meter with analog and relay
output options.
Order Suffix
Add’l Description
-230
230 Vac power
-DC10/32
10 to 32 Vdc power
-DC26/32
26 to 56 Vdc power
-A
Scalable analog output
-R
Dual 5 A alarm relays
-AI-R
Isolated analog output and dual 5 A alarm relays
Select Your Color!
The OmegaTM DP25B Series
meters and controllers
have
totally programmable color
displays—for
RED, AMBER,
or
GREEN.
Program to display in RED,
AMBER, or GREEN.
PATENTED
Covered by U.S. and International
patents and pending applications
DP25B-S shown actual size.
TM
5
DP25B-S
U
NEMA 4 (IP65)
Front Panel
U
4-Digit Display,
-1999 to 9999 counts
U
Excitation Supply,
Front Panel Tare, and
Peak Hold Standard
U
Accepts Voltage, Current,
or Millivolt Inputs
U
Easily Scaled to
Display Readings in
Engineering Units
The DP25B-S is a low-cost digital
panel meter for use with voltage,
current, or bridge-type transducers. For
bridge sensors, the DP25B-S has a
ratiometric input to correct for variations
in excitation voltage. Standard features
include a front-panel tare button and a
peak hold feature. Options include dual
5 A alarm relays and a scalable analog
output configurable for 0 to 10 V or
4 to 20 mA.


Similar Part No. - DP25B-S-R

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
DP25B-S OMEGA-DP25B-S Datasheet
494Kb / 2P
MiNIATURE INDUSTRIAL COMPRESSION LOAD CELL standard and metric models
More results

Similar Description - DP25B-S-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC7789 ETC1-KC7789 Datasheet
72Kb / 1P
PIR SENSOR WITH BUILT-IN AMPLIFIER
logo
Omron Electronics LLC
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
Compact Photoelectric Sensor with Built-in Amplifier
2019.6
ZX1 OMRON-ZX1 Datasheet
1Mb / 10P
CMOS Laser Sensor with Built-in Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com