Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM-1012/2 Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # PLM-1012/2
Description  Polyimide Flexible Heaters with Polyimide Strain Relief
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PLM-1012/2 Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  PLM-1012/2 Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PLM-Series
Polyimide Flexible Heaters with Polyimide
Strain Relief
OMEGA’s PLM-Series polyimide flexible heaters
are offered in various shapes, wattages and
voltages. All models can be supplied in self-
adhesive or non-adhesive options to fit most
installation needs. The polyimide insulation makes
these heaters chemically resistant can flexible so
they can fit on rounded surfaces with ease.
Features
• All polyimide strain relief and insulation
• Optional pressure sensitive adhesive models
• Temperatures from -57°C (-71°F) to 232°C (450°F)
• Non-magnetic heating element
• Watt densities of 2.5 W/in2, 5 W/in2 or 10 W/in2
• Thickness of 0.01" and wire length tolerance of ±0.4"
Specifications
Operating Temperature:
No Adhesive Options: -57 to 232°C (-71 to 450°F)
Self-Adhesive Options: -40 to 149°C (-40 to 300°F)
Maximum Thickness: .01“, .08” max at strain relief
Watt Density: 2.5 W/in2, 5 W/in2, 10 W/in2
Leads: 22 AWG, PTFE Insulated (UL1180), 12” ±0.4" Length
Dielectric Strength: 1250 VAC
Minimum Bending Radius: 0.032”
Maximum Operating Voltage: 28V, 115V or 230V
Model Description
Model
Width
Length
Power Density
Adhesive Option
Standard 115 V max
Low voltage 28 V max
Round version 115 V max
PLM-*
PLMLV-*
PLMR-*
05 – 0.5”
1 – 1”
…
12 – 12”
01 – 1”
02 – 2”
…
12 – 12”
/2 – 2.5 W/in2
/5 – 5 W/in2
/10 – 10 W/in2
-P (optional adhesive)
Examples
PLMLV-204/10-P: Low Voltage Polyimide Heater, 28 V Max, 2 in Width, 4 in Length, 10 W/in2, Self-Adhesive
PLM-1012/2: Polyimide Heater, 115 V Max, 10 in Width, 12 in Length, 2.5 W/in2, No Adhesive


Similar Part No. - PLM-1012/2

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLM-12 MEANWELL-PLM-12 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
PLM-12E-1050 MEANWELL-PLM-12E-1050 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
PLM-12E-350 MEANWELL-PLM-12E-350 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
PLM-12E-500 MEANWELL-PLM-12E-500 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
PLM-12E-700 MEANWELL-PLM-12E-700 Datasheet
146Kb / 4P
230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
More results

Similar Description - PLM-1012/2

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
H13502JP YENYO-H13502JP Datasheet
632Kb / 2P
Polyimide Passivated Auto Rectifier
H13518JP YENYO-H13518JP Datasheet
637Kb / 2P
Polyimide Passivated Auto Rectifier
H15002JP YENYO-H15002JP Datasheet
637Kb / 2P
Polyimide Passivated Auto Rectifier
H15018GP YENYO-H15018GP Datasheet
631Kb / 2P
Polyimide Passivated Auto Rectifier
H15018JP YENYO-H15018JP Datasheet
636Kb / 2P
Polyimide Passivated Auto Rectifier
PL5002JP YENYO-PL5002JP Datasheet
646Kb / 2P
Polyimide Passivated Auto Rectifier
PL5018GP YENYO-PL5018GP Datasheet
641Kb / 2P
Polyimide Passivated Auto Rectifier
PL5018JP YENYO-PL5018JP Datasheet
646Kb / 2P
Polyimide Passivated Auto Rectifier
PL6002JP YENYO-PL6002JP Datasheet
649Kb / 2P
Polyimide Passivated Auto Rectifier
logo
3M Electronics
8997 3M-8997 Datasheet
124Kb / 5P
3M™ Polyimide Tape
Jan-2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com