Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX1P2 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # PEX1P2
Description  1-Port Parallel PCIe Card - PCI Express to Parallel DB25 Adapter Card - Desktop Expansion LPT Controller for Printers, Scanners & Plotters - SPP/ECP - Standard/Low Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX1P2 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  PEX1P2 Datasheet HTML 1Page - StarTech.com Ltd. PEX1P2 Datasheet HTML 2Page - StarTech.com Ltd. PEX1P2 Datasheet HTML 3Page - StarTech.com Ltd. PEX1P2 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Features
• 1-PORT PARALLEL PCIe CARD: Using a 1x PCI Express 2.0 Gen 1 slot, add a DB25 parallel communications port
to your computer; Installs in full/standard or low profile PCIe cards slots (brackets incl.); Latest version of our popular
parallel card PEX1P
• TECH SPECS: Parallel port LPT controller card supports SPP/Byte/Nibble/ECP modes Compatible with IEEE 1284
Speeds up to 2.5Mbps Asix AX99100 chip Full profile bracket pre-installed
• VERSATILE APPLICATIONS: Parallel port expansion card works with printers, scanners, plotters, point of sale
terminals, PLCs, control/automation in factories, scientific sensors, medical equipment, oscilloscope
• WIDE COMPATABILITY: Fully compliant with PCI Express Base Specifications Revision 1.1 and PCI Power Mgmt
1.2; Compatible with PCI-e x1 slot and up; Supports Windows (incl. XP and up) Windows Server (2003 and up) and
Linux (2.6.X and up)
• STARTECH.COM ADVANTAGE: IT professionals' choice for over 30 years; These PCIe Parallel adapter card is
backed for 2-years by StarTech.com, incl. free 24/5 North America based multi-lingual tech support
Hardware
Warranty
2 Years
Ports
1
Interface
PCI Express
Bus Type
Parallel
Card Type
Standard Profile (LP bracket incl.)
Port Style
Integrated on Card
Industry Standards
PCI Express 2.0
IEEE 1284
Chipset ID
Asix - AX99100
Performance
Maximum Data Transfer
Rate
2.5 Mbps
General Specifications
Supported Parallel Modes: SPP (Standard Printer Port), Nibble, Byte,
and ECP (Extended Capabilities Port)
MTBF
17,520 Hours
Connector(s)
Connector Type(s)
PCI Express x1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com