Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMV-R Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PMV-R
Description  Metric Ring Terminal, Vinyl Insulated – Funnel Entry
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PMV-R Datasheet(HTML) 1 Page - PANDUIT CORP.

  PMV-R Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
For crimping tool information, see page D1.84 and D1.88.
Metric Ring Terminal, Vinyl Insulated – Funnel Entry
• Ring tongue design assures a secure connection in high
vibration applications
• Insulation support helps to prevent wire damage in
bending applications
• Brazed seam protects terminal barrel from splitting during the
crimp process
• Internal barrel serrations assure good wire contact and maximum
tensile strength
• Maximum insulation temperature 221°F (105°C)
• Rated up to 600 V
Type PMV-R
C
L
W
Part Number
Wire
Range
(mm2)
Color
Code
Max.
Ins.
(mm)
Stud
Size
Figure Dimensions
(mm)
Recommended
Installation
Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
L
W
C
PMV1-3RB-CY
0.5 – 1.0
Red
4.01
M3
20.8
5.8
5.6
CT-1550,
CT-2500
100
500
PMV1-4RB-CY
4.01
M4
23.1
7.9
7.4
100
500
PMV1-5RB-CY
4.01
M5
23.1
8.9
7.4
100
500
PMV1-6RB-CY
4.01
M6
28.2
10.9
10.7
100
500
PMV2-3RB-C
1.5 – 2.5
Blue
4.70
M3
20.5
5.8
6.4
CT-1550,
CT-2500
100
500
PMV2-4RB-C
4.70
M4
23.1
7.9
6.4
100
500
PMV2-5RB-C
4.70
M5
23.8
8.9
6.4
100
500
PMV2-6RB-C
4.70
M6
25.7
10.9
9.7
100
500
PMV6-3R-L
4.0 – 6.0
Yellow
6.10
M3
26.1
5.8
7.9
CT-1550,
CT-2500
50
250
PMV6-4R-L
6.10
M4
26.5
7.9
7.9
50
250
PMV6-5R-L
6.10
M5
27.1
9.5
7.9
50
250
PMV6-6R-L
6.10
M6
30.3
10.9
9.7
50
250
PMV6-8R-L
6.10
M8
31.4
13.2
9.7
50
250
Metric Ring Terminal, Non-Insulated
• Ring tongue design assures a secure connection in high
vibration applications
• Internal barrel serrations assure good wire contact and maximum
tensile strength
• Brazed seam protects terminal barrel from splitting during the
crimp process
• Barrel of terminal internally beveled to provide quick and easy
wire insertion
• Maximum recommended operating temperature 302°F (150°C)
• Rated up to 2000 V
For crimping tool information, see pages D1.84 and D1.88.
Part Number
Wire
Range
(mm2)
Stud
Size
Figure Dimensions
(mm)
Recommended
Installation
Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
L
W
C
PM1-3R-C
0.5 – 1.5
M3
15.8
5.8
5.6
CT-1570,
CT-2500
100
500
PM1-4R-C
M4
18.0
7.9
7.4
100
500
PM1-5R-C
M5
18.0
8.9
7.4
100
500
PM2-3R-C
1.0 – 2.5
M3
15.8
5.8
5.6
CT-1570,
CT-2500
100
500
PM2-4R-C
M4
18.0
7.9
7.4
100
500
PM2-5R-C
M5
18.0
8.9
7.4
100
500
PM6-3R-L
2.5 – 6.0
M3
19.2
5.8
7.9
CT-1570,
CT-2500
50
250
PM6-4R-L
M4
19.8
7.9
7.9
50
250
PM6-5R-L
M5
20.6
9.5
7.9
50
250
PM6-6R-L
M6
23.5
10.9
9.7
50
250
PM6-8R-L
M8
24.7
13.3
9.7
50
250
Type PM-R
C
L
W


Similar Part No. - PMV-R

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
PMV.4M.340.XLC LEMO-PMV.4M.340.XLC Datasheet
81Kb / 4P
M - Rugged Ratchet coupling
PMV.4M.348.XLC LEMO-PMV.4M.348.XLC Datasheet
81Kb / 4P
M - Rugged Ratchet coupling
PMV.4M.348.XLCT LEMO-PMV.4M.348.XLCT Datasheet
82Kb / 4P
M - Rugged Ratchet coupling
PMV.LM.355.XLC LEMO-PMV.LM.355.XLC Datasheet
81Kb / 4P
M - Rugged Ratchet coupling
PMV.LM.355.XLCT LEMO-PMV.LM.355.XLCT Datasheet
82Kb / 4P
M - Rugged Ratchet coupling
More results

Similar Description - PMV-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190670081 MOLEX4-0190670081 Datasheet
85Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue
0190670063 MOLEX4-0190670063 Datasheet
82Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue Terminal
0190670095 MOLEX4-0190670095 Datasheet
75Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire
0190670072 MOLEX4-0190670072 Datasheet
81Kb / 3P
NylaKrimp??Funnel Entry Ring Tounge
0190670061 MOLEX4-0190670061 Datasheet
82Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
Vinyl Insulated Ring . Insulation Grip
logo
PANDUIT CORP.
PV12-10HDR-D PANDUIT-PV12-10HDR-D Datasheet
381Kb / 1P
RING TERMINALS, VINYL INSULATED, HEAVY DUTY
PV18-P47-CY PANDUIT-PV18-P47-CY Datasheet
59Kb / 1P
VINYL INSULATED PIN TERMINAL
PV10-P55-L PANDUIT-PV10-P55-L Datasheet
59Kb / 1P
VINYL INSULATED PIN TERMINAL
logo
List of Unclassifed Man...
FVL2216-5R2 ETC-FVL2216-5R2 Datasheet
166Kb / 1P
Ring Terminal Vinyl Insulated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com