Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND600PEP-E Datasheet(PDF) 2 Page - STMicroelectronics

Part # VND600PEP-E
Description  DOUBLE CHANNEL HIGH SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND600PEP-E Datasheet(HTML) 2 Page - STMicroelectronics

  VND600PEP-E Datasheet HTML 1Page - STMicroelectronics VND600PEP-E Datasheet HTML 2Page - STMicroelectronics VND600PEP-E Datasheet HTML 3Page - STMicroelectronics VND600PEP-E Datasheet HTML 4Page - STMicroelectronics VND600PEP-E Datasheet HTML 5Page - STMicroelectronics VND600PEP-E Datasheet HTML 6Page - STMicroelectronics VND600PEP-E Datasheet HTML 7Page - STMicroelectronics VND600PEP-E Datasheet HTML 8Page - STMicroelectronics VND600PEP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
VND600PEP-E
2/19
Figure 2. Block Diagram
Table 3. Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
41
V
-VCC
Reverse supply voltage
-0.3
V
- IGND
DC reverse ground pin current
-200
mA
IOUT
Output current
Internally limited
A
IR
Reverse output current
-21
A
IIN
Input current
+/- 10
mA
VCSENSE
Current sense maximum voltage
-3
+15
V
V
VESD
Electrostatic
Discharge
(Human
Body
Model:
R=1.5K
Ω; C=100pF)
- INPUT
- CURRENT SENSE
- OUTPUT
- VCC
4000
2000
5000
5000
V
V
V
V
EMAX
Maximum Switching Energy
(L=0.13mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC;
IL=40A)
146
mJ
Ptot
Power dissipation at Tc=25°C
96
W
Tj
Junction operating temperature
Internally limited
°C
Tc
Case operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
LOGIC
UNDERVOLTAGE
OVERVOLTAGE
OVERTEMP. 1
OVERTEMP. 2
ILIM2
PwCLAMP 2
K
IOUT2
ILIM1
PwCLAMP 1
K
IOUT1
INPUT 1
INPUT 2
GND
VCC
OUTPUT 1
CURRENT
SENSE 1
OUTPUT 2
CURRENT
SENSE 2
DRIVER 2
DRIVER 1
VCC CLAMP
Ot1
Ot2
Ot1
Ot2
Vdslim1
Vdslim2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com