Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 39 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitchTM Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button USB2524_07 Datasheet HTML 35Page - SMSC Corporation USB2524_07 Datasheet HTML 36Page - SMSC Corporation USB2524_07 Datasheet HTML 37Page - SMSC Corporation USB2524_07 Datasheet HTML 38Page - SMSC Corporation USB2524_07 Datasheet HTML 39Page - SMSC Corporation USB2524_07 Datasheet HTML 40Page - SMSC Corporation USB2524_07 Datasheet HTML 41Page - SMSC Corporation USB2524_07 Datasheet HTML 42Page - SMSC Corporation USB2524_07 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
SMSC USB2524
39
Revision 1.91 (08-22-07)
DATASHEET
7.1.4.64
Register FFh: Status/Command (Reset = 0x00)
BIT
NUMBER
BIT NAME
DESCRIPTION
7:3
Reserved
Reserved. {Note: Software must never write a ‘1’ to these bits}
2
INTF_PW_DN
SMBus Interface Power Down
0 = Interface is active
1 = Interface power down after ACK has completed.
{Note: This bit is write once and is only cleared by assertion of the external
RESET_N pin.}
1
RESET
Reset the SMBus Interface and internal memory back to RESET_N assertion
default settings. {Note: During this reset, this bit is automatically cleared to its
default value of 0.}
0 = Normal Run/Idle State.
1 = Force a reset of the registers to their default state.
If the USB_ATTCH bit is set, then this bit will only reset the non write-protected
registers!
0
USB_ATTACH
USB Attach (and write protect).
0 = SMBus slave interface is active.
1 = Hub will signal a USB attach event to an upstream device, and the internal
memory (address range 00h-F0h) is “write-protected” to prevent unintentional
data corruption.}
{Note 1: This bit is write once and is only cleared by assertion of the external
RESET_N pin.}
{Note 2: If the SMBus interface is kept active after this bit is set, the
PORT_ASSIGN_12, PORT_ASSIGN_34 PORT_ASSIGN_56,
PORT_ASSIGN_7 and PORT_LOCKOUT registers may be continuously
written to reconfigure port ownership.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com