Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4541B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCC4541B
Description  PROGRAMMABLE TIMER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4541B Datasheet(HTML) 2 Page - STMicroelectronics

  HCC4541B Datasheet HTML 1Page - STMicroelectronics HCC4541B Datasheet HTML 2Page - STMicroelectronics HCC4541B Datasheet HTML 3Page - STMicroelectronics HCC4541B Datasheet HTML 4Page - STMicroelectronics HCC4541B Datasheet HTML 5Page - STMicroelectronics HCC4541B Datasheet HTML 6Page - STMicroelectronics HCC4541B Datasheet HTML 7Page - STMicroelectronics HCC4541B Datasheet HTML 8Page - STMicroelectronics HCC4541B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RC Oscillator Circuit.
a logic ” 1 ”, when it is a logic ” 0 ” and after a MAS-
TER RESET is started, and Q output has been se-
lected, the output goes up to a high state after 2
N-1
counts. It remains in that state till another MASTER
RESET pulse is apply or the mode input is a logic ”
1 ”. The process starts by setting the AUTO RESET
input (pin 5) to logic ” 0 ” and switching power on. If
pin 5 is set to logic ” 1 ”, the AUTO RESET circuit is
not enabled and counting cannot start till a positive
MASTER RESET pulse is applied, returning to a low
level. The AUTO RESET consumes a remarkable
amount of power and should not be used if low-
power operation is wanted.
The frequency of the oscillator depends on the RC
network. It can be calculated using the following for-
mula:
f
=
1
2.3 RTC CTC
where f is between 1 kHz and 100 kHz
and RS
≥ 10 kΩ and ≈ 2RTC
FUNCTIONAL DIAGRAM
HCC/HCF4541B
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com