Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR-13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PR-13
Description  RTD Probe with Large 3-Prong Connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PR-13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PR-13 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UNRESTRICTED
PR-13-Series
________________________________________________________________________
RTD Probe with Large 3-Prong Connector
The PR-13 RTD probe assembly has a heavy duty 3-prong Omega
"OTP" style connector for easy connection to extension cables,
hand-held meters or other instrumentation. Probe diameter is
1/8", 3/16" or 1/4". The measuring portion of the probe can be
simply inserted into a container to measure liquid temperature,
or fixed into place in a pipe, tank, or vessel using an optional
"BRLK" or "SSLK" compression fitting. These probes can be
ordered with PT100 or PT1000 resistance element.
Features
Class A accuracy, conforming to IEC 60751
Low temperature range: -50 to 250°C (-58 to 482°F)
High temperature range: -50 to 450°C (-58 to 842°F)
Extreme temperature range: -200 to 600°C (-328 to 1112°F)
Standard probe lengths of 2, 3, 4, 6, 9, 12, 18, and 24”
Resistance value: PT100 Ω or PT1000 Ω
Integral male connector (female sold separately)
Choice of PT100 and PT1000 Ω element
IP67 Ingress Protection
Specifications
Model
PR-13L (Low)
PR-13H (High)
PR-13E (Extreme)
Process Temperature
Range
-50 to 250°C
(-58 to 482°F)
-50 to 450°C
(-58 to 842°F)
-200 to 600°C
(-328 to 1112°F)
Accuracy
Class A
Class A
Class A from -100 to 450°C
(-148 to 842°F); or else Class B
Nominal Resistance and
Curve
100 Ω and 1000 Ω at 0°C standard;
TCR = 0.00385 Ω/Ω/°C standard
Connection Type
Large Connector
Large Connector
Large Connector
Dimensions
Diameters: 1/8, 3/16 and 1/4 inch.
Standard probe length of 2, 3, 4, 6, 12, 18 and 24 inch.
Other lengths may be built using our configurator.
Ingress Protection
IP67
IP67
IP67
Response time T90 (s)
1/8” 0.75 sec
3/16” 0.975 sec
1/4” 1.2 sec
1/8” 1.00 sec
3/16” 1.55 sec
1/4” 2.10 sec
1/8” 1.5 sec
3/16” 1.95 sec
1/4” 2.4 sec
Vibration
IEC 60068-2-6; 5 to 2000 Hz sweep rate, one active per minute;
number of sweep cycles 10 and acceleration 5g (15 probes tested together)
Duration: 1 day
Shock
IEC 60068-2-27; 50g/11ms (15 probes tested together) Duration: 1 day


Similar Part No. - PR-13

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PR-13 OMEGA-PR-13 Datasheet
770Kb / 1P
RTD Probe with Large 3-Prong Connector
PR-13-SERIES OMEGA-PR-13-SERIES Datasheet
770Kb / 1P
RTD Probe with Large 3-Prong Connector
logo
CUI INC
PR-1335D CUI-PR-1335D Datasheet
327Kb / 3P
DC POWER RECEPTACLE
logo
CUI Devices
PR-1335D CUID-PR-1335D Datasheet
328Kb / 3P
DC POWER RECEPTACLE
11/07/2019
logo
Omega Engineering, Inc.
PR-13E OMEGA-PR-13E Datasheet
770Kb / 1P
RTD Probe with Large 3-Prong Connector
More results

Similar Description - PR-13

ManufacturerPart #DatasheetDescription
logo
CUI INC
AC-C13-AU CUI-AC-C13-AU Datasheet
96Kb / 2P
3 PRONG AC CORD, AUSTRALIA
AC-C13-EU CUI-AC-C13-EU Datasheet
113Kb / 2P
3 PRONG AC CORD, EUROPE
AC-C13-JP CUI-AC-C13-JP Datasheet
96Kb / 2P
3 PRONG AC CORD, JAPAN
logo
Cyntec Co., Ltd.
CYN-8Y-001 CYNTEC-CYN-8Y-001 Datasheet
1Mb / 7P
SD50114XXX, PT RTD probe sensor
CYN-8Y-002 CYNTEC-CYN-8Y-002 Datasheet
1Mb / 5P
SD10244XXX, PT RTD probe sensor
logo
CUI INC
AC-C13-EU CUI-AC-C13-EU_V01 Datasheet
292Kb / 2P
3 PRONG AC CORD, EUROPE
10/25/2022
logo
CUI Devices
AC-C13JP CUID-AC-C13JP Datasheet
262Kb / 2P
3 PRONG AC CORD, JAPAN
10/25/2022
AC-C13-JP CUID-AC-C13-JP Datasheet
262Kb / 2P
3 PRONG AC CORD, JAPAN
10/25/2022
AC-C13-EU CUID-AC-C13-EU Datasheet
292Kb / 2P
3 PRONG AC CORD, EUROPE
10/25/2022
AC-C13AU CUID-AC-C13AU Datasheet
267Kb / 2P
3 PRONG AC CORD, AUSTRALIA
10/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com