Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N74F114D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # N74F114D
Description  Dual J-K negative edge-triggered flip-flop with common clock and reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F114D Datasheet(HTML) 2 Page - NXP Semiconductors

  N74F114D Datasheet HTML 1Page - NXP Semiconductors N74F114D Datasheet HTML 2Page - NXP Semiconductors N74F114D Datasheet HTML 3Page - NXP Semiconductors N74F114D Datasheet HTML 4Page - NXP Semiconductors N74F114D Datasheet HTML 5Page - NXP Semiconductors N74F114D Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
74F114
Dual J-K negative edge-triggered flip-flop
with common clock and reset
1996 Mar 14
2
LOGIC DIAGRAM
Q
SD
K
Q
RD
J
CP
SF00113
TO OTHER
FLIP-FLOP
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING MODE
SD
RD
CP
J
K
Q
Q
OPERATING MODE
L
H
X
X
X
H
L
Asynchronous Set
H
L
X
X
X
L
H
Asynchronous Reset
L
L
X
X
X
H*
H*
Undetermined *
H
H
↓
h
l
q
q
Toggle
H
H
↓
l
h
L
H
Load “0” (Reset)
H
H
↓
h
l
H
L
Load “1” (Set)
H
H
↓
l
l
q
q
Hold “no change”
H = High voltage level
h = High voltage level one setup time prior to High-to-Low clock transition
L = Low voltage level
l = Low voltage level one setup time prior to High-to-Low clock transition
q = Lower case letters indicate the state of the reference output prior to the High-to-Low clock transition
X = Don’t care
↓ = High-to-Low clock transition
Asynchronous inputs: Low input to SD sets Q to High level, Low input to RD sets Q to Low level
Set and Reset are independent of clock
Simultaneous Low on both SD and RD makes both Q and Q High.
* = Both outputs will be High while both SD and RD are Low, but the output states are unpredictable if SD and RD go High simultaneously.
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com