Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDEC3908Z Datasheet(PDF) 1 Page - Potens Semiconductor Corp.

Part # PDEC3908Z
Description  30V N-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDEC3908Z Datasheet(HTML) 1 Page - Potens Semiconductor Corp.

  PDEC3908Z Datasheet HTML 1Page - Potens Semiconductor Corp. PDEC3908Z Datasheet HTML 2Page - Potens Semiconductor Corp. PDEC3908Z Datasheet HTML 3Page - Potens Semiconductor Corp. PDEC3908Z Datasheet HTML 4Page - Potens Semiconductor Corp. PDEC3908Z Datasheet HTML 5Page - Potens Semiconductor Corp. PDEC3908Z Datasheet HTML 6Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Potens semiconductor corp.
Ver.1.01
1
PDEC3908Z
30V N-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous (TC=25
℃)
48
A
Drain Current
– Continuous (TC=100
℃)
30
A
IDM
Drain Current
– Pulsed1
192
A
EAS
Single Pulse Avalanche Energy2
45
mJ
IAS
Single Pulse Avalanche Current2
30
A
PD
Power Dissipation (TC=25
℃)
35
W
Power Dissipation
– Derate above 25
℃
0.28
W/
℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to Case
---
3.6
℃/W
BVDSS
RDSON
ID
30V
8.5m
48A
These N-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 30V,48A, RDS(ON) =8.5m
Ω@VGS = 10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
 Green Device Available
General Description
Features
Absolute Maximum Ratings Tc=25℃ unless otherwise noted
Thermal Characteristics
Applications
PPAK3X3 Pin Configuration
D
G
S
 MB / VGA / Vcore
 POL Applications
 SMPS 2nd SR
D
D D
S
S
D
S
G


Similar Part No. - PDEC3908Z

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDEC3908CX POTENS-PDEC3908CX Datasheet
1Mb / 6P
30V N-Channel MOSFETs
Ver.1.01
More results

Similar Description - PDEC3908Z

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK3904 FS-FTK3904 Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3904Z FS-FTK3904Z Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3906 FS-FTK3906 Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3908P FS-FTK3908P Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3910DFN22 FS-FTK3910DFN22 Datasheet
978Kb / 5P
30V N-Channel MOSFETs
FTK3960DD FS-FTK3960DD Datasheet
917Kb / 5P
30V N-Channel MOSFETs
FTK3960DFN56 FS-FTK3960DFN56 Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3984DFN56 FS-FTK3984DFN56 Datasheet
1Mb / 5P
30V N-Channel MOSFETs
FTK3010HNN FS-FTK3010HNN Datasheet
1Mb / 9P
30V N-Channel MOSFETs
FTK3810HNN FS-FTK3810HNN Datasheet
1Mb / 9P
30V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com