Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q6012LH1LED Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # Q6012LH1LED
Description  isc Triacs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

Q6012LH1LED Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  Q6012LH1LED Datasheet HTML 1Page - Inchange Semiconductor Company Limited Q6012LH1LED Datasheet HTML 2Page - Inchange Semiconductor Company Limited Q6012LH1LED Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Triacs
Q6012LH1LED
www.iscsemi.com
2
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM
--
10
uA
IDRM
Repetitive peak off-state current
VD=VDRM
--
10
uA
IGT
Gate trigger current
Ⅰ
-Ⅱ-Ⅲ
VD=12V, RL = 60Ω
--
10
mA
VGT
Gate trigger voltage all
quadrant
Ⅰ
-Ⅱ-Ⅲ
--
1.3
V
VGD
Gate Non-trigger Voltage Ⅰ-Ⅱ-Ⅲ
VD= VDRM, RL = 3.3kΩ,
TJ = 110°C
0.2
--
V
VTM
On-state voltage
ITM= 17A, tp= 380us
--
1.6
V
dv/dt
Critical Rate of Rise of Off-state
Voltage
VD = 67%VDRM, TJ = 110°C
45
--
V/us
IH
Holding current
IT= 20mA
--
8
mA
PACKAGE OUTLINE
Dimensions in mm
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
2.3
℃
/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com