Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDEN69A8LS Datasheet(PDF) 2 Page - Potens Semiconductor Corp.

Part # PDEN69A8LS
Description  60V N-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDEN69A8LS Datasheet(HTML) 2 Page - Potens Semiconductor Corp.

  PDEN69A8LS Datasheet HTML 1Page - Potens Semiconductor Corp. PDEN69A8LS Datasheet HTML 2Page - Potens Semiconductor Corp. PDEN69A8LS Datasheet HTML 3Page - Potens Semiconductor Corp. PDEN69A8LS Datasheet HTML 4Page - Potens Semiconductor Corp. PDEN69A8LS Datasheet HTML 5Page - Potens Semiconductor Corp. PDEN69A8LS Datasheet HTML 6Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Potens semiconductor corp.
Ver.1.00
2
PDEN69A8LS
60V N-Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250
μA
60
---
---
V
IDSS
Drain-Source Leakage Current
VDS=60V , VGS=0V , TJ=25℃
---
---
1
μA
VDS=48V , VGS=0V , TJ=125℃
---
---
1
mA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±20
μA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V , ID=0.2A
---
2.3
3.5
VGS=4.5V , ID=0.1A
---
2.4
4
VGS=2.5V , ID=0.1A
---
3.2
9
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250
μA
0.9
1.35
1.8
V
Dynamic and switching Characteristics
Qg
Total Gate Charge2 , 3
VDS=30V , VGS=10V , ID=0.2A
---
1
1.5
nC
Qgs
Gate-Source Charge2 , 3
---
0.05
0.1
Qgd
Gate-Drain Charge2 , 3
---
0.5
0.75
Td(on)
Turn-On Delay Time2 , 3
VDD=30V , VGS=10V , RG=6
ID=0.2A
---
5
10
ns
Tr
Rise Time2 , 3
---
7
15
Td(off)
Turn-Off Delay Time2 , 3
---
16
25
Tf
Fall Time2 , 3
---
12
20
Ciss
Input Capacitance
VDS=30V , VGS=0V , F=1MHz
---
32
50
pF
Coss
Output Capacitance
---
15
30
Crss
Reverse Transfer Capacitance
---
7.5
15
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
0.5
A
ISM
Pulsed Source Current
---
---
1
A
VSD
Diode Forward Voltage
VGS=0V , IS=0.2A , TJ=25℃
---
---
1
V
trr
Reverse Recovery Time
VR=50V, IS=0.5A
di/dt=100A/µs , TJ=25℃
---
20
---
ns
Qrr
Reverse Recovery Charge
---
7.5
---
nC
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
The data tested by pulsed , pulse width ≦ 300
μs , duty cycle ≦ 2%.
3.
Essentially independent of operating temperature.
Electrical Characteristics (T
J=25 ℃, unless otherwise noted)
Drain-Source Diode Characteristics and Maximum Ratings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com