Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSOP14 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSSOP14
Description  14-LEAD THIN SHRINK SMALL OUTLINE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSSOP14 Datasheet(HTML) 1 Page - STMicroelectronics

  TSSOP14 Datasheet HTML 1Page - STMicroelectronics TSSOP14 Datasheet HTML 2Page - STMicroelectronics TSSOP14 Datasheet HTML 3Page - STMicroelectronics TSSOP14 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIMENSIONS
REF.
mm
inch
MIN.
TYP. MAX. MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
4.9
5
5.1
0.193
0.197
0.201
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65
0.0256
K0°
8°
0°
8°
L
0.45
0.60
0.75
0.018
0.024
0.030
November 2002
1/4
PACKAGE AND
PACKING INFORMATION
TSSOP14
Weight: not available
14-LEAD THIN SHRINK
SMALL OUTLINE
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e


Similar Part No. - TSSOP14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSSOP16 NXP-TSSOP16 Datasheet
2Mb / 42P
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
Rev. 2-10 December 2012
More results

Similar Description - TSSOP14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SSOP24 STMICROELECTRONICS-SSOP24 Datasheet
59Kb / 4P
24-LEAD SHRINK SMALL OUTLINE PACKAGE
Nov-2002
logo
National Semiconductor ...
MTD48 NSC-MTD48 Datasheet
62Kb / 1P
48 Lead Molded Thin Shrink Small Outline Package, JEDEC
MTC16 NSC-MTC16 Datasheet
70Kb / 1P
16 Lead Molded Thin Shrink Small Outline Package, JEDEC NS Package Number MTC16
logo
STMicroelectronics
TSSO20 STMICROELECTRONICS-TSSO20 Datasheet
57Kb / 4P
20-LEAD THIN SHRINK SMALL OUTLINE
Nov-2002
logo
Intersil Corporation
M24.173B INTERSIL-M24.173B Datasheet
42Kb / 1P
Thin Shrink Small Outline Wxposed Pad Plastic Packages ( EPTSSOP)
logo
fujitsu semiconductor
FPT-20P-M04 FUJITSU-FPT-20P-M04 Datasheet
37Kb / 1P
THIN SHRINK SMALL OUTLINE PACKAGE
logo
Amkor Technology
CSSOP AMKOR-CSSOP Datasheet
304Kb / 1P
Ceramic Shrink Small Outline Package
logo
ACCUTEK MICROCIRCUIT CO...
AKL083220 ACCUTEK-AKL083220_13 Datasheet
128Kb / 2P
Thin Shrink Small Outline Packages TSOP to SOIC Leaded Adapters
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
Guangdong Youtai Semico...
LM75B UMW-LM75B Datasheet
312Kb / 23P
plastic thin shrink small outline package; 8 leads;
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com