Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3030A Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # 3030A
Description  Wideband RF Digitizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

3030A Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  3030A Datasheet HTML 1Page - Aeroflex Circuit Technology 3030A Datasheet HTML 2Page - Aeroflex Circuit Technology 3030A Datasheet HTML 3Page - Aeroflex Circuit Technology 3030A Datasheet HTML 4Page - Aeroflex Circuit Technology 3030A Datasheet HTML 5Page - Aeroflex Circuit Technology 3030A Datasheet HTML 6Page - Aeroflex Circuit Technology 3030A Datasheet HTML 7Page - Aeroflex Circuit Technology 3030A Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Advantages of PXI
The 3030A RF digitizer offers significant economies compared to
general purpose rack and stack instruments without compromising
performance. In part this is achieved by exploiting the benefits of the
PXI specification, an industry standard open architecture for modu-
lar instrumentation. Using PXI enables faster measurement speed,
smaller size and greater flexibility for easier system integration and
future system evolution.
Applications
The RF Digitizer is an essential component within any development
or manufacturing RF test system designed around the needs of
advanced digital communications standards as used in WLAN,
WMAN and cellular communications. The 3030A is equally benefi-
cial for applications in satellite and terrestrial broadcasting and mili-
tary communications. Whether the application is for test, measure-
ment or system emulation, the 3030A delivers the functionality and
performance required. When used in conjunction with other Aeroflex
PXI RF modules, complete RF test systems can be designed. The
3030A RF digitizer is complementary to the 3020 series digital RF
signal generators which can provide wideband linear modulated RF
signal generation up to 6 GHz with integrated dual channel arbitrary
waveform generator.
Performance Highlights
Wide Frequency Range: The 3030A provides continuous frequen-
cy coverage from 330 MHz to 3 GHz with 1 Hz resolution. This sat-
isfies the requirements for all mobile phone operating bands as well
as WLAN, WLAN licenced and unlicenced bands below 3 GHz.
Level Range: Full dynamic range is provided for signal input pow-
ers up to +10 dBm peak. The maximum safe input range is extend-
ed to + 22 dBm (with 8 dB input attenuation selected). With a noise
spectral density specification of –145 dBm/Hz, the 3030A is able to
discern very low level signals, especially useful when measuring
transmitter spurious outputs. RF Input level control is provided
using reliable, fast electronic switched attenuation selectable in small
4 dB steps to help maximize the useable dynamic range.
Level Accuracy: The 3030A is ideal for making accurate RF power
measurements in high volume manufacturing. A typical 0.3 dB total
measurement uncertainty together with <0.05 dB repeatability error
ensures that a high yield can be maintained.
High Dynamic Range: The 3030A is purpose designed for difficult
transmitter measurements such as burst power and spectral emis-
sions on WLAN/WMAN, 2G and 3G cellular terminals. With a spec-
tral density of –145 dBm/Hz, 3030A is able to measure steep power
ramps as generated by 2G, 3G and WLAN/WMAN radio transmis-
sion equipment. For GSM type signals, power ramps of 80dB can be
measured. The digitizer typically provides 75 dB of spurious free
dynamic range and 75 dB intermodulation free dynamic range. This
together with excellent phase noise performance makes it possible to
measure an ACLR of typically 68 dB on 3G terminals. Frequency con-
version is performed using a highly linear single stage down convert-
er which offers a TOI of +30 dBm and low conversion loss.
Wide Bandwidth: The 3030A provides a bandwidth of 36 MHz with
phase and amplitude correction across 33 MHz. This can help
improve measurement speed by making it possible to use a single
capture to acquire multiple carriers or wide band width modulated
signals such as used in emerging WLAN standards.
Low Phase Noise: The 3030A module is designed to be used either
with a PXI 3010 or 3011 RF synthesizer module. This provides a low
noise agile local oscillator signal from which the 3030A phase noise is
defined. Phase noise at 20 kHz offset from carrier is typically
-115 dBc/Hz at 2 GHz while he noise floor from 10 MHz offset is typ-
ically –138 dBc/Hz. Frequency settling can be achieved in typically
250 µs, (3010 opt 01 fitted) making the 3030A ideal for high pro-
ductivity RFIC testing.
IF Input: The 3030A will accept a direct IF input signal at
77.76 MHz with a maximum input level of +10 dBm.
Flexible ADC: Full rate digital IF or decimated IQ data can be
streamed via a LVDS data interface on the front panel. This is espe-
cially useful for realtime system emulation applications. Data can also
be captured to internal memory then read over the PCI bus. Internal
memory provides storage for up to 128 M x 16 bit samples of IF data
sampled at 103.68 Msamples per second, equivalent to 1.2 seconds.
The sample rate is user defined and independent of the sampling
clock over the range 6.328 ks/s to 85 Ms/s. Lowering the sample rate
improves data transfer rates and allows much longer events to be cap-
tured.
Small Size: The 3030A is unparalleled in terms of size. The mod-
ule occupies just 2 slots in a 3U PXI rack. An additional slot is
required to accommodate the 3010 RF synthesizer making a total of
just 3 slot widths required for a complete RF digitizer.
Acquisition, Data Transfer and Measurement Speed: Data
acquisition, data transfer and measurement processing can be per-
formed serially or overlapped. New data acquisition can be initiated in
parallel to processing a previous capture sample thus leading to faster
measurement time. Data transfer time to the CPU is performed at a
rate of up to 20 MSamples/s (IF data) or 10 Million IQ pairs per sec-
ond while measurement processing time varies according to CPU
speed and the application.
Triggering and Synchronization: The 3030A module can fre-
quency lock to a 10 MHz reference signal supplied by the 3010.
The 3030A supports external trigger sources. Triggers can be applied
either from the PXI backplane or directly through the front panel
LVDS and TTL interfaces.
The 3030A is able to initiate data capture based on an internal IF trig-
ger derived from sample data. IF triggering can be set as absolute,
with a user defined threshold level, or relative in which case a power
change results in trigger activation. Both trigger modes have settable
time constants for noise filtering making it possible to avoid false
triggering on transients. All trigger modes are supported by user
definable pre- and post trigger delays. 3030 data acquisition is also
able to be gated. The sample length is then defined by the duration
of the externally applied gate.
List Mode: This feature enables the 3030A to be preloaded with up
to 128 combinations of different frequency and level settings. All
3030A internal hardware settings are pre-calculated making re-selec-
tion of a new frequency and level possible in typically 250 µs, (3010 opt
01 fitted) while still maintaining level accuracy. This feature is ideal-
ly suited for fast mobile phone transmitter alignment applications and
is complimented by similar features in the 3020 series RF Signal
Generator in support of the corresponding fast mobile phone receiv-
er alignment.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com