Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JETNET3005F-S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # JETNET3005F-S
Description  Industrial 5-port Redundant Fast Ethernet Fiber Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JETNET3005F-S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  JETNET3005F-S Datasheet HTML 1Page - List of Unclassifed Manufacturers JETNET3005F-S Datasheet HTML 2Page - List of Unclassifed Manufacturers JETNET3005F-S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Industrial Ethernet Switch
94
94
Technology
Standard:
IEEE802.3 10Base-T
IEEE802.3u 100Base-TX/100Base-FX
Switch Technology:
Store and forward technology and with 3.2Gbps switch
bandwidth.
Aggregate System Throughput: 1.49Mpps
MAC Address: 1K MAC
Packet Buffer: 512Kbits
Transfer performance: 14,880pps for Ethernet and
148,800pps for Fast Ethernet and handle packet size from
64 to 1522Bytes
Interface
Number of Ports:
4 x 10/10Base-TX with Auto MDI/MDI-X, Auto-Negotiation
function
Connectors:
10/100 Base-TX: RJ-45
100Base-FX: 1 x SC
Terminal Block: 6-pin for 2 x power input and 1 relay output
DC power Jack x 1
Cables:
RJ-45: CAT-3, CAT-4, CAT-5 unshielded twisted pair or
shielded twisted pair cable. The Link distance is 100 meters
in maximum.
available distance 2KM.
available distance 30KM.
Ordering Information
JetNet 3005f-m Industrial 5-Port Redundant Fast Ethernet Fiber Switch
Includes:
JetNet 3005f-m
Wall mounting plate and six screws
Quick Installation Guide
Software and Documentation CD-ROM
JetNet 3005f-s Industrial 5-Port Redundant Fast Ethernet Fiber Switch
Includes:
JetNet 3005f-s
Wall mounting plate and six screws
Quick Installation Guide
Software and Documentation CD-ROM
Diagnostic LED:
Per system: Power (green) x3
Per RJ-45 port: Link (green on)/Activity(green blinking), Full
duplex (Yellow on)/Collision (Yellow blinking)
Power Requirements
System Power: 2 power input by terminal block with
redundancy
Input Voltage: DC 24V (12~48V) with reverse polarity
protection.
Power Consumption: 3.7 Watts @ DC 24V
Mechanical
Installation: DIN-Rail mount or Wall Mount
Case: Aluminum Case with IP31 grade case protection
Dimension:
135mm(H) x 53mm (W) x 105mm (D) ( without DIN rail clip)
Environmental
Operating Temperature: -10 ~70
OC
Operating Humidity: 5% ~ 95%, (non-condensing)
Storage Temperature: -40 ~ 85
OC
Hi-Pot: 1.2KV for all ports and power
Regulatory Approvals
EMI: FCC Class A, CE/EN55022.
EMS:
EN61000-4-2, EN61000-4-3, EN61000-4-4, EN61000-4-5,
EN61000-4-6, EN61000-4-8, EN61000-4-11
Safety: CE/EN60950
Shock: IEC60068-2-27
Vibration: IEC60068-2-6
Free Fall: IEC60068-2-32
MTBF: 380,973 Hours
MIL-HDBK-217F GB standard



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com