Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2033 Datasheet(PDF) 1 Page - ITW.

Part # 2033
Description  Tech Brush – Detail
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHSPRAY [ITW.]
Direct Link  https://www.techspray.com/
Logo TECHSPRAY - ITW.

2033 Datasheet(HTML) 1 Page - ITW.

  2033 Datasheet HTML 1Page - ITW. 2033 Datasheet HTML 2Page - ITW.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tech Brush – Detail
Product# 2030-2033
Product Description
Five tons of pressure are applied to each metal brush handle to
ensure that the bristles remain intact during the most rigorous
applications.
Features / Benefits
• High quality USA made
• Bristles securely stabled to prevent bristle loss
• Eliminate contamination due to bristle loss
• Precision head for cleaning & coating
Environmental Policy
Techspray® is committed to developing products to ensure a safer
and cleaner environment. We will continue to meet and sustain the
regulations of all federal, state and local government agencies.
Resources
Techspray® products are supported by global sales, technical and
customer services resources.
For additional technical information on this product or other
Techspray® products in the United States, call the technical sales
department at 800-858-4043, email tsales@techspray.com or visit
our web site at: www.techspray.com.
Important Notice to Purchaser/User: The information in this
publication is based on tests that we believe are reliable. The results
may vary due to differences in tests type and conditions. We
recommend that each user evaluate the product to determine its
suitability for the intended application. Conditions of use are outside
our control and vary widely. Techspray’s only obligation and your
only solution is replacement of product that is shown to be defective
when you receive it. In no case will Techspray® be liable for any
special, incidental, or consequential damages based on breach of
warranty, negligence or any other theory.
Rev. A (11/17) Page 1 of 1
800-858-4043 • www.techspray.com


Similar Part No. - 2033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2033 ETC2-2033 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
XFMRS Inc.
2033 XFMRS-2033 Datasheet
141Kb / 3P
HIGH SPEED SMT MAGNETIC MODULES
logo
Bourns Electronic Solut...
2033 BOURNS-2033 Datasheet
399Kb / 3P
Gas Discharge Tube Surge Protector
logo
Christian Bürkert GmbH ...
2033 BURKERT-2033 Datasheet
1Mb / 14P
Tank bottom diaphragm valve with pneumatic plastic actuator (Type CLASSIC)
13.09.2023
logo
Keystone Electronics Co...
2033 KEYSTONE-2033 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 2033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
logo
List of Unclassifed Man...
LC1000B ETC1-LC1000B Datasheet
45Kb / 1P
MATERIALS LETTING DRAINAGE STRUCTURE DETAIL
logo
Mallory performance clu...
3146A MALLORY-3146A Datasheet
44Kb / 2P
REPLACEMENT BRUSH KIT
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
DC CARBON-BRUSH MOTORS
logo
ITT Industries
M24308 ITT-M24308 Datasheet
512Kb / 41P
DETAIL SPECIFICATION
logo
List of Unclassifed Man...
570-290-721 ETC2-570-290-721 Datasheet
178Kb / 1P
570 Series, Female Crimp Detail
logo
Johanson Technology Inc...
0869LP14A090T JOHANSON-0869LP14A090T Datasheet
119Kb / 2P
869 MHz Low Pass Filter Detail Specification
logo
List of Unclassifed Man...
SR45-0 ETC2-SR45-0 Datasheet
537Kb / 2P
DETAIL EXTRUSION SIDE RAIL
logo
Rohm
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
List of Unclassifed Man...
SS008B-02P-22 ETC-SS008B-02P-22 Datasheet
106Kb / 1P
P.C.B HOLE DETAIL
2005 01.07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com