Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF351 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LF351
Description  WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF351 Datasheet(HTML) 1 Page - STMicroelectronics

  LF351 Datasheet HTML 1Page - STMicroelectronics LF351 Datasheet HTML 2Page - STMicroelectronics LF351 Datasheet HTML 3Page - STMicroelectronics LF351 Datasheet HTML 4Page - STMicroelectronics LF351 Datasheet HTML 5Page - STMicroelectronics LF351 Datasheet HTML 6Page - STMicroelectronics LF351 Datasheet HTML 7Page - STMicroelectronics LF351 Datasheet HTML 8Page - STMicroelectronics LF351 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
WIDE BANDWIDTH
SINGLE J-FET OPERATIONAL AMPLIFIER
.
INTERNALLY ADJUSTABLE INPUT OFFSET
VOLTAGE
.
LOW POWER CONSUMPTION
.
WIDE COMMON-MODE (UP TO VCC
+)AND
DIFFERENTIAL VOLTAGE RANGE
.
LOW INPUT BIAS AND OFFSET CURRENT
.
OUTPUT SHORT-CIRCUIT PROTECTION
.
HIGH INPUT IMPEDANCE J–FET INPUT
STAGE
.
INTERNAL FREQUENCY COMPENSATION
.
LATCH UP FREE OPERATION
.
HIGH SLEW RATE : 16V/
µs (typ)
N
DIP8
(Plastic Package)
1
2
3
4
8
6
5
7
1 - Offset Null 1
2 - Inverting input
3 - Non-inverting input
4- VCC
-
5 - Offset Null 2
6 - Output
7- VCC
+
8 - N.C.
PIN CONNECTIONS (top view)
DESCRIPTION
These circuits are high speed J–FET input single
operationalamplifiers incorporatingwell matched,high
voltage J–FET and bipolar transistors in a monolithic
integrated circuit.
The devicesfeaturehigh slew rates, low input bias and
offset currents, and low offset voltage temperature
coefficient.
LF151
LF251 - LF351
October 1997
D
SO8
(Plastic Micropackage)
ORDER CODES
Part Number
Temperature
Package
ND
LF351
0
oC, +70oC
••
LF251
–40
oC, +105oC
••
LF151
–55
oC, +125oC
••
1/9


Similar Part No. - LF351

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LF351 FAIRCHILD-LF351 Datasheet
40Kb / 8P
Single Operational Amplifier (JFET)
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
LF351 Wide Bandwidth JFET Input Operational Amplifier
logo
STMicroelectronics
LF351 STMICROELECTRONICS-LF351 Datasheet
742Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Mar-2001
LF351 STMICROELECTRONICS-LF351 Datasheet
622Kb / 14P
Wide bandwidth single JFET operational amplifiers
28-Apr-2008
logo
Texas Instruments
LF351 TI1-LF351 Datasheet
449Kb / 14P
LF351 Wide Bandwidth JFET Input Operational Amplifier
More results

Similar Description - LF351

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF147-LF247 STMICROELECTRONICS-LF147-LF247 Datasheet
302Kb / 10P
WIDE BANDWIDTH QUAD J-FET OPERATIONAL AMPLIFIERS
Mar-2001
LF153 STMICROELECTRONICS-LF153 Datasheet
99Kb / 9P
WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
Jun-1998
LF155-LF255-LF355 STMICROELECTRONICS-LF155-LF255-LF355 Datasheet
250Kb / 14P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
Jul-1998
TL061 STMICROELECTRONICS-TL061 Datasheet
105Kb / 9P
LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
Oct-1997
TL081 STMICROELECTRONICS-TL081 Datasheet
91Kb / 9P
GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
Dec-1998
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
Wide Bandwidth Operational Amplifier
logo
STMicroelectronics
LF153 STMICROELECTRONICS-LF153_01 Datasheet
723Kb / 9P
WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
Mar-2001
LF151 STMICROELECTRONICS-LF151_01 Datasheet
742Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Mar-2001
TL081 STMICROELECTRONICS-TL081_07 Datasheet
321Kb / 14P
GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
27-Jul-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com