Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF251 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LF251
Description  WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF251 Datasheet(HTML) 7 Page - STMicroelectronics

  LF251 Datasheet HTML 1Page - STMicroelectronics LF251 Datasheet HTML 2Page - STMicroelectronics LF251 Datasheet HTML 3Page - STMicroelectronics LF251 Datasheet HTML 4Page - STMicroelectronics LF251 Datasheet HTML 5Page - STMicroelectronics LF251 Datasheet HTML 6Page - STMicroelectronics LF251 Datasheet HTML 7Page - STMicroelectronics LF251 Datasheet HTML 8Page - STMicroelectronics LF251 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
-
e
I
LF351
eo
C
L= 1 00 pF
R= 2kΩ
L
Figure 1 : Voltage Follower
PARAMETER MEASUREMENT INFORMATION
-
e
I
LF351
Ρ
L
CL= 100pF
1k Ω
10k Ω
eo
Figure 2 : Gain-of-10 Inverting Amplifier
-
LF351
1k Ω
R F = 100k Ω
9.1k Ω
3.3k Ω
+15V
-15V
3.3k Ω
C= 3.3 µF
F
f=
osc
1
F
2xR
F
C
TYPICAL APPLICATION
(0.5Hz) SQUARE WAVE OSCILLATOR
LF351
-
R1
R2
C3
R3
C2
C1
C1 = C 2 =
C3
2
= 100pF
R1 = R2= 2R3= 1.5MΩ
f=
o
1
= 1kHz
1
C
1
2xR
HIGH Q NOTCH FILTER
LF151 - LF251 - LF351
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com