Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3054WMX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3054WMX
Description  Engineering Project Manager
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3054WMX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TP3054WMX Datasheet HTML 1Page - National Semiconductor (TI) TP3054WMX Datasheet HTML 2Page - National Semiconductor (TI) TP3054WMX Datasheet HTML 3Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Contact
Phone
Gloria Gordon
1-408-721-8435
MSL Rating
Peak Body Temp C
MaxTime (Sec)
Cycles
4
220
30
4
Document Date
Weight (mg)
Unit Type
1-Sep-2007
420.000
Each
Item
Weight (mg)
Component
CAS#
Weight (mg)
Item-ppm
Part-ppm
Plastic
305.050 SiO2
60676-86-0
211.278
692,600
503,042
Epoxy Resin
25928-94-3
85.414
280,000
203,367
Sb2O3
1309-64-4
6.101
20,000
14,526
Brominated Epoxy
40039-93-8
2.257
7,400
5,375
Leadframe
101.910 Cu
7440-50-8
99.311
974,500
236,455
Fe
7439-89-6
2.446
24,000
5,823
Zn
7440-66-6
0.122
1,200
291
P
7723-14-0
0.031
300
73
Ext. LeadFinish
6.350 Sn
7440-31-5
5.398
850,000
12,851
Pb
7439-92-1
0.953
150,000
2,268
Chip
5.350 Si
7440-21-3
5.318
994,000
12,662
Al
7429-90-5
0.032
6,000
76
Die Attach
0.570 Ag
7440-22-4
0.428
750,000
1,018
Epoxy Resin
25928-94-3
0.143
250,000
339
Int. LeadFinish
0.470 Ag
7440-22-4
0.470
1,000,000
1,119
Wires
0.300 Au
7440-57-5
0.300
1,000,000
714
RoHS Directive
2002/95/EC
Gerry Fields
Vice President Quality
Note: The device content disclosed herewith is approximate and is based on engineering estimates only. It has not been verified through analytical testing.
Additionally, the following should be noted:
1. One or more dopant materials may be present in the silicon die at sub-ppm levels to provide semiconductor properties.
2. Epoxy resin components listed are generic and may or may not be the specific compound used, which is considered proprietary.
Part Number
Homogeneous Material Composition Declaration for Electronic Products
Contains Lead(Pb) and is NOT European RoHS Compliant.
TP3054WMX
NOT China RoHS Compliant
National has taken commercially reasonable steps to provide representative and accurate information but may not have independently verified information
provided by others or conducted testing or chemical analysis on incoming materials and chemicals. Information provided in this document is derived from
default values associated with internal process information and may not be representative of all or actual materials used in the product (e.g. the default
may indicate a particular material, while an equivalent compliant material from the same or alternate supplier was actually used). Material concentrations
are the maximum expected concentration of the substances in the device and may not represent the actual concentration. National and National suppliers
consider certain limited information to be confidential and thus CAS numbers and other limited information may not be available for release. National’s
standard warranty and limitation of liability provisions of National’s Standard Terms and Conditions of Sale apply to any issues arising out of or in
connection with the information provided herein unless otherwise provided by a written contract signed by both parties.
NATIONAL ACCEPTS NO DUTY TO NOTIFY USERS OF THIS DECLARATION OF UPDATES OR CHANGES TO THIS DECLARATION.
Company
http://www.national.com/quality/green/
URL for Additional Information
Green.project@nsc.com
Email
National Semiconductor
Engineering Project Manager
Title
RoHS Material Composition Declaration
RoHS Definition: Quantity limit of 0.1% by mass (1000 PPM) in homogeneous material for: Lead (Pb), Mercury, Hexavalent
Chromium, Polybrominated Biphenyls (PBB), Polybrominated Diphenyl Ethers (PBDE) and quantity limit of 0.01% by mass
(100 PPM) of homogeneous material for Cadmium
Subject to the limitations below, National Semiconductor Corporation (“National”) certifies the following information as of the document date.
1. National products with lead-free solder comply with the European Union’s Directive on the Restriction of the Use of Hazardous Substances
2002/95/EC (“RoHS”). These products do not contain homogeneous materials with Joint Industry Guide (JIG) -101 Level A materials above Level A
threshold levels, except lead in RoHS exempt applications 5, 7a and 7c.
2. National products with lead-containing solder do not comply with RoHS, because they contain lead in a non-exempt application. These products do
not contain other RoHS restricted substances or homogeneous materials with JIG-101 Level A materials above Level A threshold levels, except lead in
solder and RoHS exempt applications 5, 7a and 7c.
3. National products are manufactured in conformance with National specifications (SC) CSP-9-111C1 Supplier Environmental Requirements for
Materials and Products and (SC) CSP-9-111S2 National’s List of Banned and Reportable Substances, which are available at
www.national.com/quality/green/.
4. National products do not contain and are not manufactured with ozone depleting substances subject to The Montreal Protocol on Substances that
Deplete the Ozone Layer and U.S. Clean Air Act, Title VI.
National Semiconductor
Page 1 of 3


Similar Part No. - TP3054WMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP3054WMX/NOPB TI1-TP3054WMX/NOPB Datasheet
323Kb / 18P
Enhanced Serial Interface CODEC/Filter COMBO Family
More results

Similar Description - TP3054WMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4863MX NSC-LM4863MX Datasheet
24Kb / 2P
Engineering Project Manager
PC16550DVX NSC-PC16550DVX Datasheet
84Kb / 3P
Engineering Project Manager
TP3420AV309 NSC-TP3420AV309 Datasheet
84Kb / 3P
Engineering Project Manager
TP3071N-G NSC-TP3071N-G Datasheet
84Kb / 3P
Engineering Project Manager
TL082CMX NSC-TL082CMX Datasheet
84Kb / 3P
Engineering Project Manager
LM61BIM3X NSC-LM61BIM3X Datasheet
23Kb / 2P
Engineering Project Manager
logo
Dialog Semiconductor
SLG7NT41563 DIALOG-SLG7NT41563 Datasheet
1Mb / 14P
Fog Project
logo
Energizer
TUF4AAPE ENERGIZER-TUF4AAPE Datasheet
306Kb / 1P
LED Project Light
INL2AAE ENERGIZER-INL2AAE Datasheet
154Kb / 1P
LED Project Light
logo
PHOENIX CONTACT
2988667 PHOENIX-2988667 Datasheet
50Kb / 2P
Software - PROJECT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com