Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # ATS672LSB
Description  Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button ATS672LSB Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB Datasheet HTML 9Page - Allegro MicroSystems ATS672LSB Datasheet HTML 10Page - Allegro MicroSystems ATS672LSB Datasheet HTML 11Page - Allegro MicroSystems ATS672LSB Datasheet HTML 12Page - Allegro MicroSystems ATS672LSB Datasheet HTML 13Page - Allegro MicroSystems ATS672LSB Datasheet HTML 14Page - Allegro MicroSystems ATS672LSB Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
11
30Dec03, Rev. 1.42
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
ATS672LSB
Temperature Compensation
The device should be operated at or below the maximum junc-
tion temperature of the device, TJ(max) (see the Absolute Maxi-
mum Ratings section, on page 1). The actual operating TJ of the
device is affected by several factors. Under certain combinations
of peak conditions (corresponding to the gray area of the Power
De-Rating Curve chart), operation may require power de-rating
or heat sinking.
The relevent factors are characteristic of the device and pack-
age, as well as the application, including the effect of adjacent
external sources of heat. The Package Thermal Resistance, RθJA,
indicates the resitance to heat transfer from the heat-generating
portions of the die (the “junction”) through all paths to the ambi-
ent air. This includes heat sinking through the PCB, as well as
direct radiation from the die through the package, RθCA. Thermal
information on packages is available on the Allegro Web site.
The Allowable Power Dissipation, PD, represents the amount
of power that can be applied to the device at a given RθCA and
ambient temperature, TA, without causing the temperature of the
die to exceed , TJ(max). This section presents a procedure for cor-
relating these factors with operating voltage, VCC, and operating
current, ICC, to estimate their effect on TJ.
If the estimated operating TJ exceeds TJ(max), then power levels
can be reduced or external heat sinking can be applied. Typi-
cally, VCC is the factor reduced, to accommodate the required
TA. A power de-rating curve can be constructed, representing the
maximum allowable VCC per TA.
If the calculated VCC exceeds the power de-rating curve at the
required TA, and heat sinking is not preferred, estimate the
amount to reduce VCC. This can be estimated through calculat-
ing PD(max), the maximum allowable PD for the given device and
package. PD(max) is related to RθJA and TA. The following formu-
las represent the fundamental relationships used to calculate the
VCC adjustment, based on the temperature effect, ∆T.
TJ = TA + ∆T
(1)
where
∆T denotes the increase in TJ due to power dissipation
within the device.
∆T = PD
× RθJA
(2)
PD = VCC
× ICC
(3)
Examples for estimating VCC are provided on the next page.
These formulas and results can also be used to estimate TJ.
For example, given common conditions such as: TA= 25°C,
VCC = 5 V, ICC(on) = 6.5 mA, and RθJA = 150 °C/W then:
PD = VCC
× ICC(on) = 5 V × 6.5 mA = 32.5 mW
∆T = PD
× RθJA = 32.5 mW × 150 °C/W = 4.9°C
TJ = TA + ∆T = 25°C + 4.9°C = 29.9°C
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
20
40
60
80
100
120
140
160
180
TA (ºC)
Allowable operating range
without additional heat sinking
Some combinations of peak
ratings may require heat sinking
when operating in shaded area
VCC(max) = 26.5 V; TJ(max) = 170ºC
Power De-Rating Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com