Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3021 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP3021
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3021 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3021 Datasheet HTML 1Page - Toshiba Semiconductor TLP3021 Datasheet HTML 2Page - Toshiba Semiconductor TLP3021 Datasheet HTML 3Page - Toshiba Semiconductor TLP3021 Datasheet HTML 4Page - Toshiba Semiconductor TLP3021 Datasheet HTML 5Page - Toshiba Semiconductor TLP3021 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP3020, TLP3021, TLP3022, TLP3023
2007-10-01
3
Recommended Operating Conditions
CHARACTERISTICS
SYMBOL
MIN
TYP.
MAX
UNIT
Supply Voltage
VAC
⎯
⎯
120
Vac
Forward Current
IF*
15
20
25
mA
Peak On-Stage Current
ITP
⎯
⎯
1
A
Operating Temperature
Topr
−25
⎯
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
*: In the case of TLP3022
Individual Electrical Characteristics (Ta=25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Forward Voltage
VF
IF=10mA
1.0
1.15
1.3
V
Reverse Current
IR
VR=5V
⎯
⎯
10
μA
Capacitance
CT
V=0, f=1MHz
⎯
10
⎯
pF
Peak Off-State Current
IDRM
VDRM=400V
⎯
10
100
nA
Peak On-Stage Voltage
VTM
ITM=100mA
⎯
1.7
3.0
V
Holding Current
IH
⎯
⎯
0.6
⎯
mA
Critical Rate of Rise of Off-
State Voltage
dv / dt
Vin=120Vrms, Ta=85°C (Fig.1)
200
500
⎯
V/
μs
Critical Rate of Rise of
Commutating Voltage
dv / dt(c)
Vin=30Vrms, IF=15mA (Fig.1)
⎯
0.2
⎯
V/
μs
Coupled Electrical Characteristics (Ta=25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
TLP3020
⎯
⎯
30
TLP3021
⎯
⎯
15
TLP3022
⎯
5
10
Trigger LED Current
TLP3023
IFT
VT=3V
⎯
⎯
5
mA
Capacitance Input to Output
CS
VS=0, f=1MHz
⎯
0.8
⎯
pF
Isolation Resistance
RS
VS=500V (R.H. ≤ 60%)
5
×10
10
10
14
⎯
Ω
AC, 1 minute
⎯
⎯
Vrms
AC, 1 second (in oil)
⎯
10000
⎯
Isolation Voltage
BVS
DC, 1 minute (in oil)
⎯
10000
⎯
Vdc
Fig. 1 dv/dt TEST CIRCUIT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com