Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431Z Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TL431Z
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TL431Z Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TL431Z Datasheet HTML 1Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 2Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 3Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 4Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 5Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 6Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 7Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 8Page - List of Unclassifed Manufacturers TL431Z Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431Z/AZ /CZ
EQUIVALENT SCHEMATIC
- All component values are nominal
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATING TABLE1-FREE-AIR TEMPERATURE
Jan. 2007 - Rev 1.0
HTC
491㎽
6.2㎽/℃
36
100
MIN.
V
㎃
TA=70℃
Power Rating
TA=85℃
Power Rating
VREF
1
TA=125℃
Power Rating
-
398㎽
TO-92
2
Power Rating
Derating Factor
Above TA=25℃
UNIT
MAX.
CHARACTERISTIC
Cathode Voltage
Cathode Current
SYMBOL
VKA
IK
770㎽
Package
TA=25℃
122㎽
-
SOT-23
230㎽
1.8㎽/℃
149㎽



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com