Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431-CZ Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TL431-CZ
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TL431-CZ Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TL431-CZ Datasheet HTML 5Page - List of Unclassifed Manufacturers TL431-CZ Datasheet HTML 6Page - List of Unclassifed Manufacturers TL431-CZ Datasheet HTML 7Page - List of Unclassifed Manufacturers TL431-CZ Datasheet HTML 8Page - List of Unclassifed Manufacturers TL431-CZ Datasheet HTML 9Page - List of Unclassifed Manufacturers TL431-CZ Datasheet HTML 10Page - List of Unclassifed Manufacturers TL431-CZ Datasheet HTML 11Page - List of Unclassifed Manufacturers TL431-CZ Datasheet HTML 12Page - List of Unclassifed Manufacturers TL431-CZ Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431Z/AZ /CZ
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 11. Test Circuit for Equivalent Input Noise Voltage
Test Circuit for Voltage Amplification
Figure 12.
Jan. 2007 - Rev 1.0
HTC
9
VCC
+
-
+
-
910Ω
500㎌
19.1V
1㏀
910Ω
820Ω
16Ω
TL431
(DUT)
2000㎌
160㏀
0.1㎌
VEE
16㏀
16㏀
TL2027
AV=10V/㎷
TO OSCILLOSCOPE
22㎌
TL2027
1㎌
33㏀
33㏀
1㎌
VEE
VCC
AV=2V/V
0
SMALL-SIGNAL VOLTAGE AMPLIFICATION
VS FREQUENCY
10
20
30
40
50
60
IKA=10㎃
TA=25℃
1K
10K
100K
1M
10M
f-FREQUENCY-㎐
9㎌
~
15㏀
OUTPUT
232Ω
8.25㏀
IKA
GND
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com