Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF147D Datasheet(PDF) 2 Page - STMicroelectronics

Part # LF147D
Description  WIDE BANDWIDTH QUAD J-FET OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF147D Datasheet(HTML) 2 Page - STMicroelectronics

  LF147D Datasheet HTML 1Page - STMicroelectronics LF147D Datasheet HTML 2Page - STMicroelectronics LF147D Datasheet HTML 3Page - STMicroelectronics LF147D Datasheet HTML 4Page - STMicroelectronics LF147D Datasheet HTML 5Page - STMicroelectronics LF147D Datasheet HTML 6Page - STMicroelectronics LF147D Datasheet HTML 7Page - STMicroelectronics LF147D Datasheet HTML 8Page - STMicroelectronics LF147D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LF147 - LF247 - LF347
2/10
SCHEMATIC DIAGRAM (each amplifier)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
LF147
LF247
LF347
Unit
VCC
Supply voltage - note 1)
1.
All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where the zero reference
level is the midpoint between VCC
+ and V
CC
-.
±18
V
Vi
Input Voltage - note 2)
2.
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less.
±15
V
Vid
Differential Input Voltage - note 3)
3.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±30
V
Ptot
Power Dissipation
680
mW
Output Short-circuit Duration - note 4)
4.
The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating
is not exceeded
Infinite
Toper
Operating Free-air Temperature Range
-55 to +125
-40 to +105
0 to +70
°C
Tstg
Storage Temperature Range
-65 to +150
°C
Output
Non-inverting input
Inverting input
VCC
VCC
200W
W
100
W
100
1.3k
30k
35k
35k
W
100
1.3k
8.2k



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com