Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINISTRIP Datasheet(PDF) 1 Page - Nitronic AG

Part # MINISTRIP
Description  High precision stripping tool MiniStrip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NITRONIC [Nitronic AG]
Direct Link  https://www.nitronic.ch/en
Logo NITRONIC - Nitronic AG

MINISTRIP Datasheet(HTML) 1 Page - Nitronic AG

  MINISTRIP Datasheet HTML 1Page - Nitronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sdasdasdsdfdsdcdscsdcdcd
cdcsc
Nitronic AG
Mattenstrasse 11
2555 Bruegg
Email info@nitronic.ch
Switzerland
Phone +41 32 373 70 70
High precision stripping tool MiniStrip
The MiniStrip hand stripper has been specially developed for users with high quality requirements. Absolute precise and
repeatable stripping of cable ends with small diameters is accomplished by a unique four-blade system.
The insulation, dielectric or shield is removed by rotating blades and
subsequent stripping. This innovative process allows the processing of coaxial
cables and cables with Kapton or Teflon insulation. Depending on the nature of
the conductor, strands are twisted slightly at the same time. The high accuracy
of the MiniStrip prevents lesions on conductor, dielectric or shielding. The
optional centering unit ensures precise stripping which meets the highest
demands. It is infinitely adjustable and centers the cable relative to the blades.
The influence of the user on the stripping quality is therefore excluded.
The MiniStrip adjusts to a different diameter in a few seconds using either a
metric or inch scale micrometer. By means of a locking screw, the diameter
adjustment or the centering device can be blocked, making the device suitable
for medtech and aerospace applications. The length adjustment is infinitely
variable, set to the desired dimension in a few seconds.
Two MiniStrip versions are available (metric or inch):
MiniStrip with HSS blades for less demanding applications or rough environments
MiniStrip with titanium coated carbide blades and centering unit
For aerospace applications we strongly recommend to use the MiniStrip with titanium
coated carbide blades and centering unit (Art.no. 010070 for mm / 010071 for inch scale)!
Features
Conductor diameter 0.1 mm (0.004”) to 2.0 mm (0.08”) (38-12 AWG)
Maximum outer diameter 2.5 mm (0.100”)
Stripping length up to 15 mm (0.590”)
Mobile, no power source required
Options
MiniStrip with Advanced Set
Advanced Set (Case incl. bench clamp, anti-roll, tweezer (spare blades not included)
Bench clamp
Swiss Made
The MiniStrip is 100% developed / manufactured in
Switzerland by Nitronic AG. There is no comparable
product on the market!
MiniStrip with bench clamp


Similar Part No. - MINISTRIP

ManufacturerPart #DatasheetDescription
logo
3M Electronics
MINISTACK 3M-MINISTACK Datasheet
1Mb / 6P
Miniature IDC Connector for Sensor Wire Connection
More results

Similar Description - MINISTRIP

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
60W107-C05 ROSENBERGER-60W107-C05 Datasheet
431Kb / 1P
STRIPPING TOOL
60W110-C06 ROSENBERGER-60W110-C06 Datasheet
29Kb / 1P
STRIPPING TOOL
60W110-C08 ROSENBERGER-60W110-C08 Datasheet
50Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
1204481 PHOENIX-1204481 Datasheet
50Kb / 2P
Stripping tool - CYCLOPS
1206146 PHOENIX-1206146 Datasheet
45Kb / 2P
Stripping tool - KAMES-LWL
1212150 PHOENIX-1212150 Datasheet
52Kb / 3P
Stripping tool - WIREFOX 10
1212158 PHOENIX-1212158 Datasheet
53Kb / 2P
Stripping tool - WIREFOX 6SC
1212368 PHOENIX-1212368 Datasheet
55Kb / 3P
Stripping tool - WIREFOX 2,5
logo
Weidmuller
9005610000 WEIDMULLER-9005610000 Datasheet
114Kb / 4P
Tools, Stripping and cutting tool
September 28, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com