Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LK112 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LK112
Description  LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LK112 Datasheet(HTML) 4 Page - STMicroelectronics

  LK112 Datasheet HTML 1Page - STMicroelectronics LK112 Datasheet HTML 2Page - STMicroelectronics LK112 Datasheet HTML 3Page - STMicroelectronics LK112 Datasheet HTML 4Page - STMicroelectronics LK112 Datasheet HTML 5Page - STMicroelectronics LK112 Datasheet HTML 6Page - STMicroelectronics LK112 Datasheet HTML 7Page - STMicroelectronics LK112 Datasheet HTML 8Page - STMicroelectronics LK112 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LK112 SERIES
4/12
ORDERING NUMBERS AND OUTPUT VOLTAGE
(*) Available on request
Part Number
Output Voltage
VOUT Min
VOUT Max
Test Voltage
LK112M13TR
1.3V
1.24V
1.36V
2.4V
LK112M14TR (*)
1.4V
1.34V
1.46V
2.4V
LK112M15TR
1.5V
1.44V
1.56V
2.4V
LK112M16TR
1.6V
1.54V
1.66V
2.4V
LK112M17TR
1.7V
1.64V
1.76V
2.4V
LK112M18TR
1.8V
1.74V
1.86V
2.4V
LK112M19TR (*)
1.9V
1.84V
1.96V
2.4V
LK112M20TR (*)
2.0V
1.94V
2.06V
3.0V
LK112M21TR
2.1V
2.04V
2.16V
3.1V
LK112M22TR (*)
2.2V
2.14V
2.26V
3.2V
LK112M23TR (*)
2.3V
2.24V
2.36V
3.3V
LK112M24TR (*)
2.4V
2.34V
2.46V
3.4V
LK112M25TR
2.5V
2.44V
2.56V
3.5V
LK112M26TR (*)
2.6V
2.54V
2.66V
3.6V
LK112M27TR (*)
2.7V
2.64V
2.76V
3.7V
LK112M28TR
2.8V
2.74V
2.86V
3.8V
LK112M29TR (*)
2.9V
2.84V
2.96V
3.9V
LK112M30TR
3.0V
2.94V
3.06V
4.0V
LK112M31TR (*)
3.1V
3.04V
3.16V
4.1V
LK112M32TR
3.2V
3.14V
3.26V
4.2V
LK112M33TR
3.3V
3.24V
3.36V
4.3V
LK112M34TR (*)
3.4V
3.335V
3.465V
4.4V
LK112M35TR (*)
3.5V
3.435V
3.565V
4.5V
LK112M36TR
3.6V
3.535V
3.655V
4.6V
LK112M37TR (*)
3.7V
3.630V
3.770V
4.7V
LK112M38TR
3.8V
3.725V
3.875V
4.8V
LK112M39TR (*)
3.9V
3.825V
3.975V
4.9V
LK112M40TR
4.0V
3.920V
4.080V
5.0V
LK112M41TR (*)
4.1V
4.020V
4.180V
5.1V
LK112M42TR (*)
4.2V
4.120V
4.280V
5.2V
LK112M43TR (*)
4.3V
4.215V
4.385V
5.3V
LK112M44TR (*)
4.4V
4.315V
4.485V
5.4V
LK112M45TR (*)
4.5V
4.410V
4.590V
5.5V
LK112M46TR (*)
4.6V
4.510V
4.690V
5.6V
LK112M47TR
4.7V
4.605V
4.795V
5.7V
LK112M48TR (*)
4.8V
4.705V
4.895V
5.8V
LK112M49TR (*)
4.9V
4.800V
5.000V
5.9V
LK112M50TR
5.0V
4.900V
5.100V
6.0V
LK112M55TR (*)
5.5V
5.390V
5.610V
6.5V
LK112M60TR
6.0V
5.880V
6.120V
7.0V
LK112M80TR
8.0V
7.840V
8.160V
9.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com